Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N7002 Datasheet(PDF) 1 Page - MAKO SEMICONDUCTOR CO.,LIMITED

Part # 2N7002
Description  Small Signal MOSFET Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAKOSEMI [MAKO SEMICONDUCTOR CO.,LIMITED]
Direct Link  http://www.makosemi.hk/
Logo MAKOSEMI - MAKO SEMICONDUCTOR CO.,LIMITED

2N7002 Datasheet(HTML) 1 Page - MAKO SEMICONDUCTOR CO.,LIMITED

  2N7002 Datasheet HTML 1Page - MAKO SEMICONDUCTOR CO.,LIMITED 2N7002 Datasheet HTML 2Page - MAKO SEMICONDUCTOR CO.,LIMITED 2N7002 Datasheet HTML 3Page - MAKO SEMICONDUCTOR CO.,LIMITED 2N7002 Datasheet HTML 4Page - MAKO SEMICONDUCTOR CO.,LIMITED  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Small Signal MOSFET Transistor
2N7002
1
FEATURES
High Density Cell Design For Low
RDS(ON)。
Voltage Controlled Small Switch.
Rugged and Reliable.
High Saturation Current Capability.
APPLICATIONS
N-channel enhancement mode effect transistor.
Switching application.
SOT-23
ORDERING INFORMATION
Type No.
Marking
Package Code
2N7002
7002/702/72*
SOT-23
MAXIMUM RATING @ Ta=25℃ unless otherwise specified
Symbol
Parameter
Value
Units
VDSS
Drain-Source voltage
60
V
VDGR
Drain-Gate voltage(RGS
≤1MΩ)
60
V
VGSS
Gate -Source voltage
- continuous
-Non Repetitive (tp<50
μs)
±20
±40
V
ID
Maximum Drain current
-continuous
-Pulsed
115
800
mA
PD
Power Dissipation
180
mW
RθJA
Thermal resistance,Junction-to-Ambient
6
00
℃/W
TJ, Tstg
Junction and Storage Temperature
-
50-150
℃
ELECTRICAL CHARACTERISTICS @ Ta=25℃ unless otherwise specified
MAKO Semiconductor Co., Limited
www.makosemi.hk
4008-378-873


Similar Part No. - 2N7002

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
2N7002 PANJIT-2N7002 Datasheet
91Kb / 6P
N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
logo
NXP Semiconductors
2N7002 PHILIPS-2N7002 Datasheet
76Kb / 12P
N-channel vertical D-MOS transistor
April 1995
logo
Supertex, Inc
2N7002 SUTEX-2N7002 Datasheet
30Kb / 4P
N-Channel Enhancement-Mode Vertical DMOS FETs
logo
Vishay Siliconix
2N7002 VISHAY-2N7002 Datasheet
51Kb / 5P
N-Channel 60-V (D-S) MOSFET
16-Jul-01
logo
Zetex Semiconductors
2N7002 ZETEX-2N7002 Datasheet
25Kb / 1P
N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
More results

Similar Description - 2N7002

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BS170 ONSEMI-BS170 Datasheet
52Kb / 4P
Small Signal MOSFET Small Signal MOSFET Small Signal MOSFET
April, 2004 ??Rev. 4
logo
Galaxy Semi-Conductor H...
2N7002 BILIN-2N7002 Datasheet
226Kb / 4P
Small Signal MOSFET Transistor
Rev.A
logo
Isahaya Electronics Cor...
2SC4258 ISAHAYA-2SC4258 Datasheet
316Kb / 6P
SMALL-SIGNAL TRANSISTOR
2SC3581 ISAHAYA-2SC3581 Datasheet
121Kb / 3P
SMALL-SIGNAL TRANSISTOR
2SC5974A ISAHAYA-2SC5974A Datasheet
78Kb / 4P
SMALL-SIGNAL TRANSISTOR
2SC5974B ISAHAYA-2SC5974B Datasheet
78Kb / 4P
SMALL-SIGNAL TRANSISTOR
logo
Guangdong Kexin Industr...
2SC5214 KEXIN-2SC5214 Datasheet
51Kb / 1P
Small Signal Transistor
FMMT5089 KEXIN-FMMT5089 Datasheet
35Kb / 1P
Small Signal Transistor
logo
Galaxy Semi-Conductor H...
2N7002 BILIN-2N7002_08 Datasheet
220Kb / 4P
Small Signal MOSFET Transistor
2N7002T BILIN-2N7002T Datasheet
189Kb / 4P
Small Signal MOSFET Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com