Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N7002 Datasheet(PDF) 2 Page - MAKO SEMICONDUCTOR CO.,LIMITED

Part # 2N7002
Description  Small Signal MOSFET Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAKOSEMI [MAKO SEMICONDUCTOR CO.,LIMITED]
Direct Link  http://www.makosemi.hk/
Logo MAKOSEMI - MAKO SEMICONDUCTOR CO.,LIMITED

2N7002 Datasheet(HTML) 2 Page - MAKO SEMICONDUCTOR CO.,LIMITED

  2N7002 Datasheet HTML 1Page - MAKO SEMICONDUCTOR CO.,LIMITED 2N7002 Datasheet HTML 2Page - MAKO SEMICONDUCTOR CO.,LIMITED 2N7002 Datasheet HTML 3Page - MAKO SEMICONDUCTOR CO.,LIMITED 2N7002 Datasheet HTML 4Page - MAKO SEMICONDUCTOR CO.,LIMITED  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Small Signal MOSFET Transistor
2N7002
2
Parameter
Symbol
Test conditions
MIN
TYP
MAX
UNIT
Drain-Source Breakdown Voltage
V(BR)DSS
VGS=0V,ID=10
μA
60
Gate Threshold Voltage
VGS(th)
VDS=VGS, ID=250
μA
1
2.1
2.5
V
Gate-body Leakage
Forward
Reverse
IGSS
VDS=0V, VGS=20V
VDS=0V, VGS=-20V
100
-100
nA
VDS=60V, VGS=0V
1
Zero Gate Voltage Drain Current
IDSS
VDS=60V,VGS=0V,Tj=125℃
500
μA
On-state Drain Current
ID(On)
VGS=10V, VDS
≥2.0VDS(ON)
500
2700
mA
Drain-Source on-voltage
VDS(ON)
VGS=10V,ID=500mA
VGS=5V,ID=50mA
0.6
0.09
3.75
1.5
V
Forward transconductance
gFS
VDS
≥2.0VDS(ON),ID=200mA
80
320
mS
Static drain-Source on-resistance
RDS(ON)
VGS=10V,ID=500mA
VGS=10V,ID=500mA,Tj=100℃
VGS=5.0V,ID=50mA
VGS=5.0V,ID=50mA, Tj=100℃
1.2
1.7
1.7
2.4
7.5
13.5
7.5
13.5
Ω
Drain-Source diode forward
voltage
VSD
VGS=0V,ID=115mA
0.88
1.5
V
Input capacitance
CISS
20
50
Output capacitance
COSS
11
25
Reverse transfer capacitance
CRSS
VDS=25V,VGS=0V,f=1.0MHz
4
5
pF
Turn-On Delay Time
tD(ON)
20
ns
Turn-Off Delay Time
tD(OFF)
VDD = 30V, ID= 0.2A,
RL = 150
Ω, VGS= 10V,
RGEN= 25
Ω
20
ns
TYPICAL CHARACTERISTICS @ Ta=25℃ unless otherwise specified
MAKO Semiconductor Co., Limited
www.makosemi.hk
4008-378-873



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com