Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM-200LED Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # LM-200LED
Description  Lux or Foot-candle user selectable measurement units
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LM-200LED Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  LM-200LED Datasheet HTML 1Page - List of Unclassifed Manufacturers LM-200LED Datasheet HTML 2Page - List of Unclassifed Manufacturers LM-200LED Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Amprobe® Test Tools
www.Amprobe.com
Data Sheet
General Specifications
Display
2000 count LCD
Sensor
Silicon photodiode and filter.
Environment
Indoor operation
Altitude
Up to 2000m.
LED Light Measurement
3½ digits, 2000 readings
Range
40, 400, 4,000, 40,000, 400,000 Lux
40, 400, 4,000, 40,000 Foot-candle
Accuracy
+/-3% (Calibrated to standard incandescent lamp 2856º K) and corrected LED day
while-light spectrum. +/-6% other visible light sources
Temperature / Humidity
Operating
-10 °C to 40 °C (14˚F to 104˚F), 0 to 80 %RH.
Storage
-10 °C to 50 °C (14˚F to 122˚F), 0 to 70 %RH.
Power Supply
9V NEDA 1604, IEC 6F22, JIS 006P battery
Battery life
200 hours
Auto Power Off
approx 6 min
Dimension (Base)
130 x 63 x 38 mm (5.1 x 2.5 x 1.5”)
Dimension (Sensor)
80 x 55 x 29 mm (3.2 x 2.2 x 1.1”)
Weight
220 g (.48 lb.) include battery
Included Accessories
Users manual, 9 volt battery
LM-200LED LED Light Meter
Amprobe® Test Tools
website: www.Amprobe.com
email: info@amprobe.com
Everett, WA 98203
Tel: 877-AMPROBE
Amprobe® Test Tools Europe
In den Engematten 14
79286 Glottertal, Germany
Tel.: +49 (0) 7684 8009 - 0
©2010 Amprobe Test Tools. All rights reserved.
7/2010 LM-200LED_DS Rev A



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com