Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM-200LED Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # LM-200LED
Description  Lux or Foot-candle user selectable measurement units
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LM-200LED Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  LM-200LED Datasheet HTML 1Page - List of Unclassifed Manufacturers LM-200LED Datasheet HTML 2Page - List of Unclassifed Manufacturers LM-200LED Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
No hassle
warranty
No waiting.
No shipping
charges.
Our commitment to
high-quality products
and customer service
is demonstrated by
our industry exclusive
“No Hassle” warranty.
In the unlikely event
that an Amprobe Test
Tool requires warranty
service, any of our
local dealers are
authorized to replace
it, on the spot.
(note: $500 MSLP limit)
Amprobe® Test Tools
www.Amprobe.com
Data Sheet
LED Light Meter
A professional tester specifically designed to accurately measure
light output of the LED light sources.
LM-200LED
n
Lux or Foot-candle user selectable measurement units
n
Measuring Range to 400,000 Lux or 40,000 Foot candles
n
Built-in memory with 99 records storage
n
Data Hold to freeze reading on the digital display
n
MAX recording to capture highest light measurement
n
Measuring lights source include all visible ranges
n
Spectral response close to CIE luminous spectral efficiency
n
Angled light cosine correction
n
Extended length of wire for light sensor approximately 5 feet
(1.5m)
n
Measurements according to JISC1609:1993 and CNS 5119
general A class specifications
n
Includes protective sensor cap
n
Large, 3-1/2 digit display


Similar Part No. - LM-200LED

ManufacturerPart #DatasheetDescription
logo
Coherent Corp
LM-20 COHERENT-LM-20 Datasheet
342Kb / 4P
Position Sensing Air-Cooled Thermopile Sensors to 200 W
logo
Rohm
LM-2035 ROHM-LM-2035 Datasheet
65Kb / 3P
5 x 7 matrix displays
LM-2035 ROHM-LM-2035 Datasheet
69Kb / 4P
5 x 7 matrix display
LM-2035LB ROHM-LM-2035LB Datasheet
69Kb / 4P
5 x 7 matrix display
LM-2035MB ROHM-LM-2035MB Datasheet
69Kb / 4P
5 x 7 matrix display
More results

Similar Description - LM-200LED

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9951 MAXIM-MAX9951 Datasheet
499Kb / 23P
Dual Per-Pin Parametric Measurement Units
Rev 1; 2/05
logo
Extech Instruments Corp...
401027 EXTECH-401027 Datasheet
94Kb / 4P
Pocket Foot Candle Light Meter
logo
Maxim Integrated Produc...
MAX9949 MAXIM-MAX9949 Datasheet
286Kb / 23P
Dual Per-Pin Parametric Measurement Units
Rev 2; 3/09
logo
RSG Electronic Componen...
HSU45-10 RSG-HSU45-10 Datasheet
277Kb / 4P
DUAL INPUT RANGE USER SELECTABLE
logo
Zilog, Inc.
Z16C0110PSC ZILOG-Z16C0110PSC Datasheet
1Mb / 14P
Eight User-Selectable Addressing Modes
logo
ATMEL Corporation
AT93C56A ATMEL-AT93C56A_14 Datasheet
448Kb / 14P
User-selectable Internal Organization
logo
Extech Instruments Corp...
401025 EXTECH-401025_15 Datasheet
123Kb / 1P
Foot Candle/Lux Meter
401027 EXTECH-401027_15 Datasheet
129Kb / 1P
Pocket Foot Candle Light Meter
logo
Total Power Internation...
TPSU60 TOTAL-POWER-TPSU60 Datasheet
437Kb / 4P
DUAL INPUT RANGE USER SELECTABLE
logo
Maxim Integrated Produc...
MAX77812EVKIT MAXIM-MAX77812EVKIT Datasheet
1Mb / 28P
5 User-selectable Phase Configurations
Rev 7; 3/19
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com