Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7130LA55P Datasheet(PDF) 4 Page - Integrated Device Technology

Part # 7130LA55P
Description  FAST CMOS OCTAL D REGISTERS (3-STATE)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

7130LA55P Datasheet(HTML) 4 Page - Integrated Device Technology

  7130LA55P Datasheet HTML 1Page - Integrated Device Technology 7130LA55P Datasheet HTML 2Page - Integrated Device Technology 7130LA55P Datasheet HTML 3Page - Integrated Device Technology 7130LA55P Datasheet HTML 4Page - Integrated Device Technology 7130LA55P Datasheet HTML 5Page - Integrated Device Technology 7130LA55P Datasheet HTML 6Page - Integrated Device Technology 7130LA55P Datasheet HTML 7Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
MILITARYANDCOMMERCIAL TEMPERATURERANGES
4
IDT54/74FCT374/A/C
FAST CMOS OCTAL D REGISTERS (3-STATE)
NOTES:
1. For conditions shown as Min. or Max., use appropriate value specified under Electrical Characteristics for the applicable device type.
2. Typical values are at VCC = 5.0V, +25°C ambient.
3. Per TTL driven input (VIN = 3.4V). All other inputs at VCC or GND.
4. This parameter is not directly testable, but is derived for use in Total Power Supply Calculations.
5. Values for these conditions are examples of
∆ICC formula. These limits are guaranteed but not tested.
6. IC = IQUIESCENT + IINPUTS + IDYNAMIC
IC = ICC +
∆ICC DHNT + ICCD (fCP/2 + fiNi)
ICC = Quiescent Current
∆ICC = Power Supply Current for a TTL High Input (VIN = 3.4V)
DH = Duty Cycle for TTL Inputs High
NT = Number of TTL Inputs at DH
ICCD = Dynamic Current caused by an Input Transition Pair (HLH or LHL)
fCP = Clock Frequency for register devices (zero for non-register devices)
fi = Input Frequency
Ni = Number of Inputs at fi
All currents are in milliamps and all frequencies are in megahertz.
POWER SUPPLY CHARACTERISTICS
VLC = 0.2V; VHC = VCC - 0.2V
Symbol
Parameter
Test Conditions(1)
Min.
Typ.(2)
Max.
Unit
ICC
Quiescent Power Supply Current
VCC = Max.
0.2
1.5
mA
VIN
VHC; VIN VLC
∆ICC
Quiescent Power Supply Current
VCC = Max.
0.5
2
mA
TTL Inputs HIGH
VIN = 3.4V(3)
ICCD
Dynamic Power Supply
VCC = Max.
VIN
VHC
0.15
0.25
mA/
Current(4)
Outputs Open
VIN
VLC
MHz
OE = GND
One Input Toggling
50% Duty Cycle
IC
Total Power Supply Current(6)
VCC = Max.
VIN
VHC
1.7
4
mA
Outputs Open
VIN
VLC
fCP = 10MHz
(FCT)
50% Duty Cycle
VIN = 3.4V
2.2
6
OE = GND
VIN = GND
fi = 5MHz
One Bit Toggling
VCC = Max.
VIN
VHC
4
7.8(5)
Outputs Open
VIN
VLC
fCP = 10MHz
(FCT)
50% Duty Cycle
VIN = 3.4V
6.2
16.8(5)
OE = GND
VIN = GND
fi = 2.5MHz
Eight Bits Toggling



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com