Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7130LA55P Datasheet(PDF) 5 Page - Integrated Device Technology

Part # 7130LA55P
Description  FAST CMOS OCTAL D REGISTERS (3-STATE)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

7130LA55P Datasheet(HTML) 5 Page - Integrated Device Technology

  7130LA55P Datasheet HTML 1Page - Integrated Device Technology 7130LA55P Datasheet HTML 2Page - Integrated Device Technology 7130LA55P Datasheet HTML 3Page - Integrated Device Technology 7130LA55P Datasheet HTML 4Page - Integrated Device Technology 7130LA55P Datasheet HTML 5Page - Integrated Device Technology 7130LA55P Datasheet HTML 6Page - Integrated Device Technology 7130LA55P Datasheet HTML 7Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
MILITARYANDCOMMERCIAL TEMPERATURERANGES
IDT54/74FCT374/A/C
FAST CMOS OCTAL D REGISTERS (3-STATE)
5
NOTES:
1. See test circuit and waveforms.
2. Minimum limits are guaranteed but not tested on Propagation Delays.
3. This parameter is guaranteed but not tested.
74FCT374A
74FCT374C
Symbol
Parameter
Condition(1)
Min.(2)
Max.
Min.(2)
Max.
Unit
tPLH
PropagationDelay
CL = 50pF
2
6.5
2
5.2
ns
tPHL
CP to Qx
RL = 500
Ω
tPZH
OutputEnableTime
1.5
6.5
1.5
5.5
ns
tPZL
tPHZ
OutputDisableTime
1.5
5.5
1.5
5
ns
tPLZ
tSU
Set-up Time HIGH or LOW
2
—
2
—
ns
Dx to CP
tH
Hold Time HIGH or LOW
1.5
—
1.5
—
ns
Dx to CP
tW
CP Pulse Width HIGH or LOW(3)
5—
5
—
ns
SWITCHING CHARACTERISTICS OVER OPERATING RANGE - INDUSTRIAL
54FCT374
54FCT374A
Symbol
Parameter
Condition(1)
Min.(2)
Max.
Min.(2)
Max.
Unit
tPLH
PropagationDelay
CL = 50pF
2
11
2
7.2
ns
tPHL
CP to Qx
RL = 500
Ω
tPZH
OutputEnableTime
1.5
14
1.5
7.5
ns
tPZL
tPHZ
OutputDisableTime
1.5
8
1.5
6.5
ns
tPLZ
tSU
Set-up Time HIGH or LOW
2
—
2
—
ns
Dx to CP
tH
Hold Time HIGH or LOW
1.5
—
1.5
—
ns
Dx to CP
tW
CP Pulse Width HIGH or LOW(3)
7—
6
—
ns
SWITCHING CHARACTERISTICS OVER OPERATING RANGE - MILITARY



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com