Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFS6-PS Datasheet(PDF) 8 Page - Panasonic Semiconductor

Part # SFS6-PS
Description  Slim compact safety relay
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

SFS6-PS Datasheet(HTML) 8 Page - Panasonic Semiconductor

  SFS6-PS Datasheet HTML 1Page - Panasonic Semiconductor SFS6-PS Datasheet HTML 2Page - Panasonic Semiconductor SFS6-PS Datasheet HTML 3Page - Panasonic Semiconductor SFS6-PS Datasheet HTML 4Page - Panasonic Semiconductor SFS6-PS Datasheet HTML 5Page - Panasonic Semiconductor SFS6-PS Datasheet HTML 6Page - Panasonic Semiconductor SFS6-PS Datasheet HTML 7Page - Panasonic Semiconductor SFS6-PS Datasheet HTML 8Page - Panasonic Semiconductor SFS6-PS Datasheet HTML 9Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
SFS
8
ds_61410_en_sfs: 031213D
REFERENCE DATA
Other contact gaps when contacts are welded
SAFETY STANDARDS
* CSA standard: Certified by C-UL
Certification authority
File No.
UL/C-UL
E43149*
6A 277V AC, 6A 30V DC
TÜV
B 05 04 13461 054
6A 250V AC (cos
=1.0), 6A 250V DC (0ms), AC15: 2A 240V AC (cos=1.0), DC13: 1A 24V DC (L/R 48ms)
1. Operate/response/release time
Sample: SFS4-DC24V (4 Form A/2 Form B)
Quantity: n = 20 (a contacts: 80, b contacts: 40)
2. Coil temperature rise
Sample: SFS4-DC24V (4 Form A/2 Form B)
Quantity: n = 3
Measured portion: Inside the coil
Ambient temperature: Room temperature
(27
C 80.6F), 70C 158F, 85C 185F
3. Malfunctional shock
Sample: SFS4-DC24V (4 Form A/2 Form B)
Quantity: n = 3
1
0
234 5 6 78 9 10 11 12 13 14 15
0
30
20
10
40
50
Time, ms
Release time
Operate time
Response time
Coil applied voltage, %V
90
100
120
110
130
50
40
30
20
10
0
0A Room temperature
6A Room temperature
0A 70
°C
6A 70
°C
0A 85
°C
4.5A 85
°C
Y'
Y
XZ
Z'
X'
Y
Y'
Z'
Z
X
X'
Deenergized condition
Energized condition
200m/s2
200m/s2
200m/s2
200m/s2
200m/s2
200m/s2
4. Max, switching capacity
(2 Form A/2 Form B type)
10
20 30
50 70 100
200 300 500
1000
125
250
10
1
2
3
4
5
6
7
8
0.1
0.2
0.3
0.5
0.7
Contact voltage, V
AC resistive load
DC resistive load
Sample: SFS4-DC24V (4 Form A/2 Form B)
The table below shows the state of the other contacts.
In case of form “NO” contact weld the coil applied voltage is 0 V.
In case of form “NC” contact weld the coil applied voltage is nominal.
>0.5: contact gap is kept at min. 0.5 mm .020inch
Empty cells: either ON or OFF
Note: Contact gaps are shown at the initial state.
If the contact transfer is caused by load switching, it is necessary to check the actual loading.
State of other contacts
3-4 (NC)
5-6 (NC)
7-8 (NO)
9-10 (NO)
11-12 (NO)
13-14 (NO)
Welded contact No.
3-4 (NC)
>0.5
>0.5
>0.5
>0.5
5-6 (NC)
>0.5
>0.5
>0.5
>0.5
7-8 (NO)
>0.5
>0.5
9-10 (NO)
>0.5
>0.5
11-12 (NO)
>0.5
>0.5
13-14 (NO)
>0.5
>0.5



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com