Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFS6-PS Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # SFS6-PS
Description  Slim compact safety relay
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

SFS6-PS Datasheet(HTML) 2 Page - Panasonic Semiconductor

  SFS6-PS Datasheet HTML 1Page - Panasonic Semiconductor SFS6-PS Datasheet HTML 2Page - Panasonic Semiconductor SFS6-PS Datasheet HTML 3Page - Panasonic Semiconductor SFS6-PS Datasheet HTML 4Page - Panasonic Semiconductor SFS6-PS Datasheet HTML 5Page - Panasonic Semiconductor SFS6-PS Datasheet HTML 6Page - Panasonic Semiconductor SFS6-PS Datasheet HTML 7Page - Panasonic Semiconductor SFS6-PS Datasheet HTML 8Page - Panasonic Semiconductor SFS6-PS Datasheet HTML 9Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
SFS
2
ds_61410_en_sfs: 031213D
Coil
Characteristics (at 20
C 68F)
• Outline of performance [Socket for PC board/DIN terminal socket]
Remarks
*1 Measurement at same location as “Initial breakdown voltage” section
*2 Detection current: 10mA
*3 Excluding contact bounce time
*4 Response time is the time after the coil voltage turns off until the time when “a” contact turns off.
*5 Half-wave pulse of sine wave: 11ms; detection time: 10
s
*6 Half-wave pulse of sine wave: 6ms
*7 Detection time: 10
s
*8 Refer to “NOTES” on page 9, 7. Usage, transport and storage conditions.
ORDERING INFORMATION
4 poles
6 poles
2 Form A/2 Form B
3 Form A/1 Form B
4 Form A/2 Form B
5 Form A/1 Form B
3 Form A/3 Form B
Nominal operating power
360 mW
500 mW
Item
4 poles
6 poles
2 Form A/2 Form B
3 Form A/1 Form B
4 Form A/2 Form B
5 Form A/1 Form B
3 Form A/3 Form B
Max. operating speed
20 times/min. (at nominal voltage)
Initial insulation resistance*1
Min. 1,000 M
 at 500 V DC
Initial breakdown voltage*2
Between open contacts
1,500 Vrms for 1 min.
Between contact sets
2,500 Vrms for 1 min.:
7-8/9-10
2,500 Vrms for 1 min.:
7-8/11-12
9-10/13-14
11-12/13-14
4,000 Vrms for 1 min.:
3-4/5-6
3-4/7-8
5-6/9-10
4,000 Vrms for 1 min.:
3-4/5-6
3-4/7-8
5-6/9-10
7-8/9-10
Between contact and coil
4,000 Vrms for 1 min.
Operate time (at nominal voltage)
Max. 20 ms*3
Response time*4 (without diode)
(at nominal voltage)
Max. 8 ms*3
Release time (without diode)
(at nominal voltage)
Max. 20 ms*3
Shock resistance
Functional*5
Min. 200 m/s2
Destructive*6
Min. 1,000 m/s2
Vibration resistance
Functional*7
10 to 55 Hz at double amplitude of 1.5 mm
Destructive
10 to 55 Hz at double amplitude of 1.5 mm
Conditions for operation, transport and
storage*8 (Not freezing and condensing at
low temperature)
Ambient temp.
–40
C to +85C –40F to +185F
Humidity
5 to 85% R.H.
Unit weight
Approx. 20 g Approx. .71 oz
Approx. 23 g Approx. .81 oz
Max. carrying current
6 A (Reduce by 0.1 A/
C for temperatures 70 to 85C.)
Initial breakdown voltage
Between each terminal: 2,500 Vrms for 1 min. (Detection current: 10mA)
Initial insulation resistance*1
Min. 1,000 M
 at 500V DC
Ex. SF
Product name
Slim type
Note: Standard packing: Carton 50 pcs. Case 200 pcs. (Accessories: Carton 10 pcs. Case 100 pcs.)
Please inquire about other coil voltages.
Contact arrangement
2: 2 Form A/2 Form B
3: 3 Form A/1 Form B
4: 4 Form A/2 Form B
5: 5 Form A/1 Form B
6: 3 Form A/3 Form B
Nil:
L:
Without LED indication
With LED indication
Operation indication
Coil voltage
DC12, 18,
21, 24, 48V
S



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com