Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D42L-R1AA Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # D42L-R1AA
Description  D4 miniature switch
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

D42L-R1AA Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  D42L-R1AA Datasheet HTML 1Page - List of Unclassifed Manufacturers D42L-R1AA Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Switching parameters
Model
Type
Max. operating force (cN)
Max. pretravel
(mm)
Min. overtravel
(mm)
Differential travel max.
(mm)
Max. rest position
(mm)
Operating point
(mm)
Standard
Light
Without
auxiliary actuator
D41
170
45
1,2
1,3
0,3
16,2
14,7 0,5
D42
170
45
1,2
1,3
0,3
16,2
14,7 0,5
D43
170
45
1,2
1,3
0,3
16,2
14,7 0,5
D44
285
75
1,2
1,3
0,3
16,2
14,7 0,5
D45
400
100
1,2
1,3
0,3
16,2
14,7 0,5
D48
150
1,6
1,2
0,3
16,2
14,7 0,5
Electrical rating and operating life
Electrical rating according to
Electrical life for 40T85*
(operations)
Mechanical lifetime
actuator material
Max. operating
force (cN)
Housing mark
EN 61058-1
UL 1054
acc. to EN
acc. to UL
POM
PET
Standard operating force
0,1 (0,05) A, 250 V AC
0,1 A 125 –250 V AC
50.000
6.000
10 x 106
1 x 106
170
D4 1 Y
3 (1) A, 250 V AC
3 A, 125 –250 V AC
1/10 HP 250 V AC
50.000
6.000
10 x 106
1 x 106
170
D4 2 Y
6 (2) A, 250 V AC
5 A, 125 –250 V AC,
1/4 HP 250 V AC
50.000
6.000
5 x 106
25 x 104
170
D4 3 Y
10 (3) A, 250 V AC
10 A, 1/2 HP, 125 –250 V AC
50.000
6.000
1 x 106
1 x 105
285
D4 4 Y
16 (4) A, 250 V AC
15 A, 1/2 HP, 125 –250 V AC
50.000
6.000
2 x 105
1 x 105
400
D4 5 Y
10 (3) A, 400 V AC
Light operating force
0,1 (0,05) A, 250 V AC
0,1 A, 125 –250 V AC
50.000
6.000
10 x 106
1 x 106
45**
D4 1 X
3 (1) A, 250 V AC
3 A, 125 –250 V AC,
1/10 HP 250 V AC
50.000
6.000
10 x 106
1 x 106
45**
D4 2 X
6 (2) A, 250 V AC
5 A, 125 –250 V AC,
1/4 HP 250 V AC
50.000
6.000
10 x 106
5 x 105
45
D4 3 X
10 (3) A, 250 V AC
10 A, 1/2 HP, 125 –250 V AC
50.000
6.000
10 x 106
25 x 104
75
D4 4 X
16 (4) A, 250 V AC
15 A, 1/2 HP, 125 –250 V AC
50.000
6.000
10 x 106
25 x 104
100
D4 5 X
21 (8) A, 250 V AC
21 A, 250 V AC
1HP 125 V AC
2HP 250 V AC
10.000
6.000
3 x 106
25 x 104
150
D4 8 X
*
Operating life for 40T125 and 40T150 on request
**
Lower operating forces and additional electrical ratings on request
Auxiliary actuator options
Model
Mounting point
Length (mm)
Straight
RM rear
FM front
21,2
35,6
69,9
25,7
40,1
74,4
Roller
RM rear
FM front
20,6
34,1
25,1
38,6
Simulated Roller
RM rear
FM front
20,6
25,1
Simulated roller
Roller
Straight
Length of auxiliary actuator
Rear mounting point (RM)
Front mounting point (FM)
Simulated roller
Roller
Straight
Length of auxiliary actuator
Rear mounting point (RM)
Front mounting point (FM)
Preferred parts
Type Order code
Electrical rating
Terminals
Auxiliary actuator
Operating
force
(cN)
Operating
point
(mm)
Max.
pretravel
(mm)
Min.
overtravel
(mm)
Differential
travel max.
(mm)
EN
UL
D41C-R1AA* 0.1(0.05)A,
250V~
0,1 A,
125/250 V AC
Q.C. terminals
4,8x0,5mm, straight
170
14,7 ± 0,5 1,2
1,3
0,3
D41C-R1LD* 0.1(0.05)A,
250V~
0,1 A,
125/250 V AC
Q.C. terminals
4,8x0,5mm, straight
Straight RM rear,
length 35,6mm
86
15,3 ± 1,2 3,2
2,2
0,8
D42L-R1ML 3(1)A,
250V~
3 A, 125/250 V AC
1/10HP, 250VAC
Q.C. terminals
4,8x0,5mm, straight
Straight FM front,
length 74,5mm
6
15,2 ± 4,2 12,7
7,9
2,5
D44L-R1AA 10(3)A,
250V~
10 A, 1/2HP,
125/250 V AC
Q.C. terminals
4,8x0,5mm, straight
75
14,7 ± 0,5 1,2
1,3
0,3
D44L-R1LD 10(3)A,
250V~
10 A, 1/2HP,
125/250 V AC
Q.C. terminals
4,8x0,5mm, straight
Straight RM rear,
length 35,6mm
40
15,3 ± 1,2 3,2
2,2
0,8
D44L-R1RA 10(3)A,
250V~
10 A, 1/2HP,
125/250 V AC
Q.C. terminals
4,8x0,5mm, straight
Roller RM rear,
length 20,6 mm
75
20,5 ± 0,8 1,2
1,0
0,3
D45L-R1LL 16(4)A,
250V~
15 A, 1/2HP,
125/250 V AC
Q.C. terminals
4,8x0,5mm, straight
Straight RM rear,
length 69,9 mm
22
15,2 ± 3,2 7,6
4,7
1,7
D419-V3AA 0.1(0.05)A,
250V~
0,1 A,
125/250 V AC
Q.C. terminals
6,3 x 0,8 mm, dog-leg
45
14,7 ± 0,5 1,2
1,3
0,3
D429-V1AA 3(1)A,
250V~
3 A, 125/250 V AC
1/10HP, 250VAC
Q.C. terminals
6,3 x 0,8 mm, straight
45
14,7 ± 0,5 1,2
1,3
0,3
D449-V1AA 10(3)A,
250V~
10 A, 1/2HP,
125/250 V AC
Q.C. terminals
6,3 x 0,8 mm, straight
75
14,7 ± 0,5 1,2
1,3
0,3
D459-B8AA 16(4)A,
250V~
15 A, 1/2HP,
125/250 V AC
Solder terminals,
short
100
14,7 ± 0,5 1,2
1,3
0,3
D459-V3AA 16(4)A,
250V~
15 A, 1/2HP,
125/250 V AC
Q.C. terminals
6,3 x 0,8 mm, dog-leg
100
14,7 ± 0,5 1,2
1,3
0,3
D459-V3LD 16(4)A,
250V~
15 A, 1/2HP,
125/250 V AC
Q.C. terminals
6,3 x 0,8 mm, dog-leg
Straight RM rear,
length 35,6mm
40
15,3 ± 1,2 3,2
2,2
0,8
D489-V3AA 16(4)A,
250V~
15 A, 1/2HP,
125/250 V AC
Q.C. terminals
6,3 x 0,8 mm, dog-leg
150
14,2 ± 0,5 1,8
0,9
0,3
* Versions with standard operating force; other versions with operating force light
SNAP SWITCHES
D4 miniature switch



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com