Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D42L-R1AA Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # D42L-R1AA
Description  D4 miniature switch
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

D42L-R1AA Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  D42L-R1AA Datasheet HTML 1Page - List of Unclassifed Manufacturers D42L-R1AA Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SNAP SWITCHES
Features
Technical specifications
Contact configuration
S.P.D.T., S.P.S.T. - N.O., S.P.S.T. - N.C
Conact gap
< 3 mm (µ)
Switching voltage
250 V AC (400 V on request)
Switched current max.
< 0,1 to 21 A, depending on model
Total travel
2,6 mm
Mechanical life
see table
Electrical life
see table
Ambient temperature
40T85; 40T125; 40T150
Proof tracking index
PTI 300
Materials
Housing / cover
PET (UL94 V-0)
Actuator
POM (max. 85 °C)
alternative PET (UL94 V-0)
Contacts
D41
AuAgPt (Crosspoint)
D42
Ag
D43 - D48
AgNi
Terminals
CuZn alternative Cu
Auxiliary actuator
nickel-plated steel, alternative stainless steel
Approvals
Degree of protection
(switch interior)
IP40
For detailed information and the layout of the details described above,
please do not hesitate to ask for our technical specifications and drawing.
D4 miniature switch
Dimensions in mm
B
A
Terminals
Q.C. terminal, 6,3 x 0,8 mm,
straight
V1
Q.C. terminal, 6,3 x 0,8 mm,
dog-leg
V3
Solder terminal,
short
B8
Solder terminal
with temperature-stop
S1
PCB terminal
1,3 x 0,8 mm cover side
PB
PCB terminal
1,3 x 0,8 mm housing side
PA
Q.C. terminal, 4,8 x 0,8 mm
dog-leg
Q3
Q.C. terminal 4,8 x 0,8
straight
Q1
Q.C. terminal 4,8 x 0,5 mm
dog-leg
R3
PCB terminal
1,3 x 0,5 mm underside
P4
PCB terminal
1,3 x 0,8 mm rear
P5
Q.C. terminal 2,8 x 0,8 mm
bifurcated dog-leg
C3
Q.C. terminal
RAST 2,5
X5
Drilling patterns
for PCB terminals
Q.C. terminal 6,3 x 0,8 mm
RAST 5
Y5
Connector housing for Q.C. terminals
RAST 5
Other terminals available
on request.
Mounting holes
Hole dimensions
Measurement „A“
Measurement “B”
Global version
3,1 +0,15 mm
3,3 +0,15 mm
Q.C. terminal, 4,8 x 0,5 mm,
straight
R1


Similar Part No. - D42L-R1AA

ManufacturerPart #DatasheetDescription
logo
eupec GmbH
D4201N EUPEC-D4201N Datasheet
266Kb / 8P
Rectifier Diode
logo
Infineon Technologies A...
D4201N INFINEON-D4201N Datasheet
251Kb / 9P
Full blocking capability 50/60Hz over a wide temperature range
2014-06-01 Revision: 6.1
logo
Unisonic Technologies
D4203D UTC-D4203D Datasheet
107Kb / 2P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
D4203DG-T60-K UTC-D4203DG-T60-K Datasheet
107Kb / 2P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
D4203DG-T60-K UTC-D4203DG-T60-K Datasheet
107Kb / 2P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
More results

Similar Description - D42L-R1AA

ManufacturerPart #DatasheetDescription
logo
Allen-Bradley
898D-43LY-D4 ALLEN-BRADLEY-898D-43LY-D4 Datasheet
250Kb / 5P
898D-43LY-D4
logo
Reed Relays and Electro...
MO-1422-15-18 RRE-MO-1422-15-18 Datasheet
100Kb / 1P
Miniature Reed Switch
logo
Omron Electronics LLC
A8L OMRON-A8L Datasheet
547Kb / 6P
Miniature Rocker Switch
D3V OMRON-D3V Datasheet
1Mb / 18P
Miniature Basic Switch
logo
Cynergy3 Co
RSF50 CYNERGY3-RSF50 Datasheet
416Kb / 1P
miniature single switch
logo
Cherry Semiconductor Co...
D364-V1AA CHERRY-D364-V1AA Datasheet
555Kb / 2P
miniature switch
logo
Copal Electronics
BT_SERIES COPAL-BT_SERIES Datasheet
242Kb / 3P
Miniature Toggle Switch
logo
OEN India Limited
OENCK OENINDIA-OENCK Datasheet
709Kb / 2P
MINIATURE ROTARY SWITCH
logo
List of Unclassifed Man...
MV-3 ETC-MV-3 Datasheet
4Mb / 12P
Miniature Basic Switch
logo
NHP Electrical Engineer...
MFD4411 NHP-MFD4411 Datasheet
742Kb / 3P
NEMO D4-LE PULSE
10 October 2022,
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com