Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89LS52 Datasheet(PDF) 13 Page - ATMEL Corporation

Part # AT89LS52
Description  8K Bytes of In-System Programmable (ISP) Flash Memory
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LS52 Datasheet(HTML) 13 Page - ATMEL Corporation

Back Button AT89LS52_14 Datasheet HTML 9Page - ATMEL Corporation AT89LS52_14 Datasheet HTML 10Page - ATMEL Corporation AT89LS52_14 Datasheet HTML 11Page - ATMEL Corporation AT89LS52_14 Datasheet HTML 12Page - ATMEL Corporation AT89LS52_14 Datasheet HTML 13Page - ATMEL Corporation AT89LS52_14 Datasheet HTML 14Page - ATMEL Corporation AT89LS52_14 Datasheet HTML 15Page - ATMEL Corporation AT89LS52_14 Datasheet HTML 16Page - ATMEL Corporation AT89LS52_14 Datasheet HTML 17Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 39 page
background image
13
2601C–MICRO–06/08
AT89LS52
10.1
Capture Mode
In the capture mode, two options are selected by bit EXEN2 in T2CON. If EXEN2 = 0, Timer 2 is
a 16-bit timer or counter which upon overflow sets bit TF2 in T2CON. This bit can then be used
to generate an interrupt. If EXEN2 = 1, Timer 2 performs the same operation, but a 1-to-0 transi-
tion at external input T2EX also causes the current value in TH2 and TL2 to be captured into
RCAP2H and RCAP2L, respectively. In addition, the transition at T2EX causes bit EXF2 in
T2CON to be set. The EXF2 bit, like TF2, can generate an interrupt. The capture mode is illus-
trated in Figure 10-1.
Figure 10-1. Timer in Capture Mode
10.2
Auto-reload (Up or Down Counter)
Timer 2 can be programmed to count up or down when configured in its 16-bit auto-reload
mode. This feature is invoked by the DCEN (Down Counter Enable) bit located in the SFR
T2MOD (see Table 10-2). Upon reset, the DCEN bit is set to 0 so that timer 2 will default to
count up. When DCEN is set, Timer 2 can count up or down, depending on the value of the
T2EX pin.
Figure 10-2 shows Timer 2 automatically counting up when DCEN=0. In this mode, two options
are selected by bit EXEN2 in T2CON. If EXEN2 = 0, Timer 2 counts up to 0FFFFH and then sets
the TF2 bit upon overflow. The overflow also causes the timer registers to be reloaded with the
16-bit value in RCAP2H and RCAP2L. The values in Timer in Capture ModeRCAP2H and
RCAP2L are preset by software. If EXEN2 = 1, a 16-bit reload can be triggered either by an
overflow or by a 1-to-0 transition at external input T2EX. This transition also sets the EXF2 bit.
Both the TF2 and EXF2 bits can generate an interrupt if enabled.
Setting the DCEN bit enables Timer 2 to count up or down, as shown in Figure 10-2. In this
mode, the T2EX pin controls the direction of the count. A logic 1 at T2EX makes Timer 2 count
up. The timer will overflow at 0FFFFH and set the TF2 bit. This overflow also causes the 16-bit
value in RCAP2H and RCAP2L to be reloaded into the timer registers, TH2 and TL2,
respectively.
A logic 0 at T2EX makes Timer 2 count down. The timer underflows when TH2 and TL2 equal
the values stored in RCAP2H and RCAP2L. The underflow sets the TF2 bit and causes 0FFFFH
to be reloaded into the timer registers.
The EXF2 bit toggles whenever Timer 2 overflows or underflows and can be used as a 17th bit
of resolution. In this operating mode, EXF2 does not flag an interrupt.
OSC
EXF2
T2EX PIN
T2 PIN
TR2
EXEN2
C/T2 = 0
C/T2 = 1
CONTROL
CAPTURE
OVERFLOW
CONTROL
TRANSITION
DETECTOR
TIMER 2
INTERRUPT
÷12
RCAP2L
RCAP2H
TH2
TL2
TF2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com