Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89LS52 Datasheet(PDF) 21 Page - ATMEL Corporation

Part # AT89LS52
Description  8K Bytes of In-System Programmable (ISP) Flash Memory
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LS52 Datasheet(HTML) 21 Page - ATMEL Corporation

Back Button AT89LS52_14 Datasheet HTML 17Page - ATMEL Corporation AT89LS52_14 Datasheet HTML 18Page - ATMEL Corporation AT89LS52_14 Datasheet HTML 19Page - ATMEL Corporation AT89LS52_14 Datasheet HTML 20Page - ATMEL Corporation AT89LS52_14 Datasheet HTML 21Page - ATMEL Corporation AT89LS52_14 Datasheet HTML 22Page - ATMEL Corporation AT89LS52_14 Datasheet HTML 23Page - ATMEL Corporation AT89LS52_14 Datasheet HTML 24Page - ATMEL Corporation AT89LS52_14 Datasheet HTML 25Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 39 page
background image
21
2601C–MICRO–06/08
AT89LS52
17. Program Memory Lock Bits
The AT89LS52 has three lock bits that can be left unprogrammed (U) or can be programmed (P)
to obtain the additional features listed in Table 17-1.
When lock bit 1 is programmed, the logic level at the EA pin is sampled and latched during reset.
If the device is powered up without a reset, the latch initializes to a random value and holds that
value until reset is activated. The latched value of EA must agree with the current logic level at
that pin in order for the device to function properly.
18. Programming the Flash – Parallel Mode
The AT89LS52 is shipped with the on-chip Flash memory array ready to be programmed. The
programming interface needs a high-voltage (12-volt) program enable signal and is compatible
with conventional third-party Flash or EPROM programmers.
The AT89LS52 code memory array is programmed byte-by-byte.
Programming Algorithm: Before programming the AT89LS52, the address, data, and control
signals should be set up according to the Flash programming mode table (Table 20-1) and Fig-
ure 20-1 and Figure 20-2. To program the AT89LS52, take the following steps:
1.
Input the desired memory location on the address lines.
2.
Input the appropriate data byte on the data lines.
3.
Activate the correct combination of control signals.
4.
Raise EA/V
PP to 12V.
5.
Pulse ALE/PROG once to program a byte in the Flash array or the lock bits. The byte-
write cycle is self-timed and typically takes no more than 50 µs. Repeat steps 1
through 5, changing the address and data for the entire array or until the end of the
object file is reached.
Table 16-1.
Status of External Pins During Idle and Power-down Modes
Mode
Program Memory
ALE
PSEN
PORT0
PORT1
PORT2
PORT3
Idle
Internal
1
1
Data
Data
Data
Data
Idle
External
1
1
Float
Data
Address
Data
Power-down
Internal
0
0
Data
Data
Data
Data
Power-down
External
0
0
Float
Data
Data
Data
Table 17-1.
Lock Bit Protection Modes
Program Lock Bits
LB1
LB2
LB3
Protection Type
1
U
U
U
No program lock features
2P
U
U
MOVC instructions executed from external program memory are
disabled from fetching code bytes from internal memory, EA is
sampled and latched on reset, and further programming of the
Flash memory is disabled
3
P
P
U
Same as mode 2, but verify is also disabled
4
P
P
P
Same as mode 3, but external execution is also disabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com