Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89S53 Datasheet(PDF) 1 Page - ATMEL Corporation

Part # AT89S53
Description  Microcontrollers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89S53 Datasheet(HTML) 1 Page - ATMEL Corporation

  AT89S53_14 Datasheet HTML 1Page - ATMEL Corporation AT89S53_14 Datasheet HTML 2Page - ATMEL Corporation AT89S53_14 Datasheet HTML 3Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
This errata is applicable to the following devices:
• AT89S8252
• AT89LS8252
•AT89S53
• AT89LS53
with the following markings and needs to be used in conjunction with the correspond-
ing device datasheets.
Regarding the in-system programming procedure, ATMEL currently recommends the
following ISP waveforms for implementing the ISP programming algorithm in the
AT89S-series devices:
These waveforms should be used in addition to the serial downloading waveforms
shown in the respective device datasheets.
AT89S8252
24XX
XXXX
AT89LS8252
12XX
XXXX
AT89S53
24XX
XXXX
AT89LS53
12XX
XXXX
RST
(>2 machine cycles)
A (<1/2 machine cycle)
(>1 machine cycle)
SCK
7
6
GND
VCC
This glitch MAY occur in certain systems because when RST
goes high, port 1 pins will be driven with a strong pullup for
one clock cycle; if the glitch does occur, it can be interpreted
incorrectly as the first SCK pulse of a serial data stream.
So the falling edge of RST at point A is necessary to
“clean-up” the internal state machine.
should be powered up and stable PRIOR to the waveforms below)
CC
(V
Microcontrollers
AT89S8252
AT89LS8252
AT89S53
AT89LS53
Errata Sheet
Rev. 1486A–10/99


Similar Part No. - AT89S53_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT89S53-16AA ATMEL-AT89S53-16AA Datasheet
471Kb / 32P
8-Bit Microcontroller with 12K Bytes Flash
AT89S53-16JA ATMEL-AT89S53-16JA Datasheet
471Kb / 32P
8-Bit Microcontroller with 12K Bytes Flash
AT89S53-16PA ATMEL-AT89S53-16PA Datasheet
471Kb / 32P
8-Bit Microcontroller with 12K Bytes Flash
More results

Similar Description - AT89S53_14

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
M68HC08 MOTOROLA-M68HC08 Datasheet
2Mb / 230P
Microcontrollers
MC68HC705J1A MOTOROLA-MC68HC705J1A Datasheet
1Mb / 162P
Microcontrollers
logo
Freescale Semiconductor...
MC9S12C FREESCALE-MC9S12C Datasheet
3Mb / 680P
Microcontrollers
MC3S12RG128 FREESCALE-MC3S12RG128 Datasheet
2Mb / 546P
Microcontrollers
MC9S12KG128 FREESCALE-MC9S12KG128 Datasheet
2Mb / 600P
Microcontrollers
MC68HC05P4A FREESCALE-MC68HC05P4A Datasheet
404Kb / 72P
Microcontrollers
MC68HC08AZ32A FREESCALE-MC68HC08AZ32A Datasheet
2Mb / 312P
Microcontrollers
MC68HC08AZ60A FREESCALE-MC68HC08AZ60A Datasheet
4Mb / 480P
Microcontrollers
MC68HC08JL3 FREESCALE-MC68HC08JL3_05 Datasheet
2Mb / 198P
Microcontrollers
MC68HC908AP64 FREESCALE-MC68HC908AP64_07 Datasheet
3Mb / 324P
Microcontrollers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com