Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM879 Datasheet(PDF) 1 Page - Hi-Sincerity Mocroelectronics

Part # HM879
Description  SILICON NPN EPITAXIAL TYPE TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HSMC [Hi-Sincerity Mocroelectronics]
Direct Link  http://www.hsmc.com.tw
Logo HSMC - Hi-Sincerity Mocroelectronics

HM879 Datasheet(HTML) 1 Page - Hi-Sincerity Mocroelectronics

  HM879 Datasheet HTML 1Page - Hi-Sincerity Mocroelectronics HM879 Datasheet HTML 2Page - Hi-Sincerity Mocroelectronics HM879 Datasheet HTML 3Page - Hi-Sincerity Mocroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
HI-SINCERITY
MICROELECTRONICS CORP.
Spec. No. : HM200203
Issued Date : 1996.07.01
Revised Date : 2002.02.26
Page No. : 1/3
HM879
HSMC Product Specification
HM879
SILICON NPN EPITAXIAL TYPE TRANSISTOR
Description
For 1.5V And 3V Electronic Flash Use.
Features
• Charger-up time is about 1 mS faster than of a germanium transistor.
• Small saturation voltage can bring less power dissipation and flashing times.
Absolute Maximum Ratings
• Maximum Temperatures
Storage Temperature ............................................................................................ -55 ~ +150
°C
Junction Temperature .................................................................................... +150
°C Maximum
• Maximum Power Dissipation
Total Power Dissipation (Ta=25
°C) ....................................................................................... 1 W
• Maximum Voltages and Currents (Ta=25°C)
BVCBO Collector to Base Voltage....................................................................................... 30 V
BVCEX Collector to Emitter Voltage .................................................................................... 20 V
BVCEO Collector to Emitter Voltage.................................................................................... 10 V
BVEBO Emitter to Base Voltage............................................................................................ 6 V
IC Collector Current............................................................................................................... 3 A
IC Collector Current (Pluse) .................................................................................................. 5 A
Electrical Characteristics (Ta=25
°C)
Symbol
Min.
Typ.
Max.
Unit
Test Condition
BVCEO
10
-
-
V
IC=1mA
BVEBO
6
-
-
V
IE=10uA
BVCBO
30
-
-
V
IC=10uA
BVCEX
20
-
-
V
IC=1mA, VBE=3V
ICBO
-
-
100
nA
VCB=20V
IEBO
-
-
100
nA
VBE=4V
*VCE(sat)
-
0.3
0.4
V
IC=3A, IB=60mA
*hFE
140
210
400
VCE=2V, IC=3A
fT
-
200
-
MHz
VCE=10V, IC=50mA
Cob
-
30
-
pF
VCB=10V, f=1MHz
*Pulse Test: Pulse Width
≤380us, Duty Cycle≤2%
SOT-89


Similar Part No. - HM879

ManufacturerPart #DatasheetDescription
logo
Shenzhen Jin Yu Semicon...
HM879 HTSEMI-HM879 Datasheet
229Kb / 1P
TRANSISTOR (NPN)
logo
Galaxy Semi-Conductor H...
HM879 BILIN-HM879 Datasheet
156Kb / 3P
SILICON PNP EPITAXIAL TYPE TRANSISTOR
Rev.A
logo
Jiangsu Changjiang Elec...
HM879 JIANGSU-HM879 Datasheet
1Mb / 3P
SOT-89-3L Plastic-Encapsulate Transistors
More results

Similar Description - HM879

ManufacturerPart #DatasheetDescription
logo
Hi-Sincerity Mocroelect...
HSD879 HSMC-HSD879 Datasheet
30Kb / 3P
SILICON NPN EPITAXIAL TYPE TRANSISTOR
HSD879D HSMC-HSD879D Datasheet
32Kb / 3P
SILICON NPN EPITAXIAL TYPE TRANSISTOR
logo
Toshiba Semiconductor
MT3S04AU TOSHIBA-MT3S04AU Datasheet
111Kb / 2P
TRANSISTOR SILICON NPN EPITAXIAL TYPE
2SC5976 TOSHIBA-2SC5976 Datasheet
175Kb / 5P
Transistor Silicon NPN Epitaxial Type
2SC6139 TOSHIBA-2SC6139 Datasheet
191Kb / 5P
Transistor Silicon NPN Epitaxial Type
2SC6140 TOSHIBA-2SC6140 Datasheet
173Kb / 5P
Transistor Silicon NPN Epitaxial Type
TPC6501 TOSHIBA-TPC6501_06 Datasheet
148Kb / 5P
Transistor Silicon NPN Epitaxial Type
TPC6502 TOSHIBA-TPC6502 Datasheet
187Kb / 5P
Transistor Silicon NPN Epitaxial Type
TPC6503 TOSHIBA-TPC6503 Datasheet
197Kb / 5P
Transistor Silicon NPN Epitaxial Type
TPCP8510 TOSHIBA-TPCP8510 Datasheet
218Kb / 5P
Transistor Silicon NPN Epitaxial Type
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com