Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMBD2004C Datasheet(PDF) 1 Page - Hi-Sincerity Mocroelectronics

Part # HMBD2004C
Description  General purpose diodes fabricated in planar tehnology
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HSMC [Hi-Sincerity Mocroelectronics]
Direct Link  http://www.hsmc.com.tw
Logo HSMC - Hi-Sincerity Mocroelectronics

HMBD2004C Datasheet(HTML) 1 Page - Hi-Sincerity Mocroelectronics

  HMBD2004C Datasheet HTML 1Page - Hi-Sincerity Mocroelectronics HMBD2004C Datasheet HTML 2Page - Hi-Sincerity Mocroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
HI-SINCERITY
MICROELECTRONICS CORP.
Spec. No. : HE6858
Issued Date : 1994.01.25
Revised Date : 2002.10.25
Page No. : 1/2
HMBD2004, HMBD2004C, HMBD2004S
HSMC Product Specification
HMBD2004\C\S
Description
The HMBD2004\C\S are general purpose diodes fabricated in planar
technology, and encapsulated in small plastic SMD SOT-23 package.
Features
• Small plastic SMD package
• Switching speed: max. 50 nS
• General application:
Continuous reverse voltage: Max. 240 V
Repetitive peak reverse voltage: Max. 300 V
Repetitive peak forward current: Max. 625 mA
Absolute Maximum Ratings (Ta=25
°C)
Characteristic
Symbol
Value
Unit
HMBD2004 Repetitive Peak Reverse Voltage
300
HMBD2004C Repetitive Peak Reverse Voltage
300
HMBD2004S Repetitive Peak Reverse Voltage
VRRM
300
V
HMBD2004 Continuous reverse voltage
240
HMBD2004C Continuous reverse voltage
240
HMBD2004S Continuous reverse voltage
VR
240
V
Forward Continuous Current at Ta=25
°C
lF
225
mA
Repetitive Peak Forward Current at Ta=25
°C
IFRM
625
mA
Surge Forward Current at t =1mS, Ta=25
°C
IFSM
1
A
Power Dissipation
PD
250 Max
mV
Junction Temperature
Tj
150
°C
Storage Temperature Range
Tstg
-65~+150
°C
Characteristics (Ta=25
°C)
Characteristic
Symbol
Condition
Min
Max
Unit
Forward Voltage
VF
IF=100mA
-
1
V
HMBD2004 Reverse Current
VR=240V
-
100
HMBD2004C Reverse Current
VR=240V
-
100
HMBD2004S Reverse Current
IR
VR=240V
-
100
nA
Total Capacitance
CT
VR=0V, f=1MHz
5
-
pF
Reverse Recovery Time
Trr
IF=30mA to IR=30mA
RL=100
Ω measured at
IR=3mA
50
-
nS
BV
R
BV
R
IR=100uA
250
-
V
SOT-23


Similar Part No. - HMBD2004C

ManufacturerPart #DatasheetDescription
logo
Hi-Sincerity Mocroelect...
HMBD2003 HSMC-HMBD2003 Datasheet
19Kb / 2P
General purpose diodes fabricated in planar technology
HMBD2003C HSMC-HMBD2003C Datasheet
19Kb / 2P
General purpose diodes fabricated in planar technology
HMBD2003S HSMC-HMBD2003S Datasheet
19Kb / 2P
General purpose diodes fabricated in planar technology
More results

Similar Description - HMBD2004C

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAV100 PHILIPS-BAV100 Datasheet
34Kb / 8P
General purpose diodes
1996 Sep 17
logo
Fairchild Semiconductor
BA128 FAIRCHILD-BA128 Datasheet
34Kb / 1P
General Purpose Diodes
logo
Hi-Sincerity Mocroelect...
HMBD2003 HSMC-HMBD2003 Datasheet
19Kb / 2P
General purpose diodes fabricated in planar technology
logo
Microsemi Corporation
1N3595-1 MICROSEMI-1N3595-1 Datasheet
43Kb / 2P
GENERAL PURPOSE DIODES
logo
New Jersey Semi-Conduct...
1S923 NJSEMI-1S923 Datasheet
351Kb / 1P
General Purpose Diodes
2SC568 NJSEMI-2SC568 Datasheet
127Kb / 1P
General Purpose Diodes
1N659 NJSEMI-1N659 Datasheet
113Kb / 1P
GENERAL PURPOSE DIFFUSED SILICON PLANAR DIODES
1N662 NJSEMI-1N662 Datasheet
102Kb / 1P
GENERAL PURPOSE DIFFUSED SILICON PLANAR DIODES
logo
NXP Semiconductors
BAS19 NXP-BAS19_13 Datasheet
134Kb / 10P
General purpose diodes
2003 Mar 20
BAS19_20_21 PHILIPS-BAS19_20_21_15 Datasheet
134Kb / 10P
General purpose diodes
2003 Mar 20
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com