Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP6MAT Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # SP6MAT
Description  MA Series 5.25 or 6.5 70/25V Commercial ABS Plastic Back Can Speakers
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SP6MAT Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  SP6MAT Datasheet HTML 1Page - List of Unclassifed Manufacturers SP6MAT Datasheet HTML 2Page - List of Unclassifed Manufacturers SP6MAT Datasheet HTML 3Page - List of Unclassifed Manufacturers SP6MAT Datasheet HTML 4Page - List of Unclassifed Manufacturers SP6MAT Datasheet HTML 5Page - List of Unclassifed Manufacturers SP6MAT Datasheet HTML 6Page - List of Unclassifed Manufacturers SP6MAT Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
38: PolarConv F= 441.9417
39: PolarConv F= 625.0000
40: PolarConv F= 883.8835
41: PolarConv F= 1.2500K
42: PolarConv F= 1.7678K
43: PolarConv F= 2.5000K
44: PolarConv F= 3.5355K
45: PolarConv F= 5.0000K
46: PolarConv F= 7.0711K
47: PolarConv F= 10.0000K
48: PolarConv F= 14.1421K
49: PolarConv F= 20.0000K
50: PolarConv F= 28.2843K
51: PolarConv F= 40.0000K
-180
-150
-120
-90
-60
-30
0 Deg
30
60
90
120
150
180
dBR
-50
-45
-45
-40
-40
-35
-35
-30
-30
-25
-25
-20
-20
-15
-15
-10
-10
-5
-5
0
0
Ratio vs Angle
Curve
Freq
BW
Q
DI
441.94
215
1.7
2.2
625.00
229
1.6
2.0
883.88
120
3.0
4.8
1.25K
113
3.2
5.0
1.77K
160
2.3
3.5
2.50K
102
3.5
5.5
3.54K
65
5.5
7.4
5.00K
51
7.1
8.5
7.07K
47
7.6
8.8
10.00K
95
3.8
5.8
14.14K
73
5.0
6.9
20.00K
36
9.9
10.0
28.28K
36
9.9
10.0
40.00K
36
9.9
10.0
For more information contact Speco Technologies
www.specotech.com
SP6MAT
Product Dimensions
7.58”
0.63”



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com