Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP6MAT Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SP6MAT
Description  MA Series 5.25 or 6.5 70/25V Commercial ABS Plastic Back Can Speakers
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SP6MAT Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SP6MAT Datasheet HTML 1Page - List of Unclassifed Manufacturers SP6MAT Datasheet HTML 2Page - List of Unclassifed Manufacturers SP6MAT Datasheet HTML 3Page - List of Unclassifed Manufacturers SP6MAT Datasheet HTML 4Page - List of Unclassifed Manufacturers SP6MAT Datasheet HTML 5Page - List of Unclassifed Manufacturers SP6MAT Datasheet HTML 6Page - List of Unclassifed Manufacturers SP6MAT Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
simply unique.
MA Series 5.25” or 6.5”
70/25V Commercial ABS
Plastic Back Can Speakers
Features
Speco Technologies’ Multi-Application Series was designed to make
and an easy-select transformer wattage dial. The choice of 8 or 9
individual wattage tap settings covers a complete range of uses.
speaker covering a wide range of commercial applications. The
on-hand for unexpected residential installation needs.
SP5MAT 5.25” speaker
SP6MAT 6.5” speaker
For more information contact Speco Technologies
www.specotech.com
Speco Technologies is constantly developing and improving products.
SP5MAT
SP6MAT
........ 57Hz – 20kHz
Low Frequency Driver .................. 5.25” Polypropylene woofer
6.5” Polypropylene woofer
....................................................
Low Frequency Magnet................
High Frequency Driver..................
.................................................... mylar dome tweeter
mylar dome tweeter
Sensitivity .....................................
Impedance....................................
..................................
Max. Power................................... 60W
80W
Transformer Setting.......................
............................... Fire-resistant ABS
Fire-resistant ABS
Back Can Material ........................ Fire-resistant ABS
Fire-resistant ABS
Grille Material ............................... Metal
Metal
Wire Connection Type .................. Push Terminal
Push Terminal
Weight ..........................................
Cut-Out Dimensions .....................
Minimum Mounting Depth............. 5.6”
7”
Dimensions...................................
Optional Mounting Bracket ...........
sold individually


Similar Part No. - SP6MAT

ManufacturerPart #DatasheetDescription
logo
Laird Tech Smart Techno...
SP6 LSTD-SP6 Datasheet
753Kb / 1P
Lightning protection for antenna systems
logo
Hubbell Incorporated.
SP6 HUBBELL-SP6 Datasheet
392Kb / 1P
Category 6 Shielded Jack with Cobra-Loc Termination
logo
Schurter Inc.
SP6.3X32 SCHURTER-SP6.3X32 Datasheet
233Kb / 3P
Miniature Fuse, 6.3 x 32 mm, Quick-Acting F, Sand, 250 VAC
SP6.3X32 SCHURTER-SP6.3X32_18 Datasheet
233Kb / 3P
Miniature Fuse, 6.3 x 32 mm, Quick-Acting F, Sand, 250 VAC
logo
Amphenol Corporation
SP60 AMPHENOL-SP60 Datasheet
97Kb / 4P
Ultra-stable Probe Thermistors
More results

Similar Description - SP6MAT

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
BAS70LP MCC-BAS70LP Datasheet
340Kb / 2P
70 mA Schottky Rectifier 70 Volts
logo
ORION FANS
GRM40 ORIONFANS-GRM40 Datasheet
416Kb / 1P
Plastic - reinforced ABS
GRM172 ORIONFANS-GRM172 Datasheet
460Kb / 1P
Plastic - reinforced ABS
logo
Micro Commercial Compon...
BAS70LP MCC-BAS70LP_13 Datasheet
459Kb / 2P
70 mA Schottky Rectifier 70 Volts
logo
Bud Industries, Inc.
PTR-28483 BUD-PTR-28483 Datasheet
135Kb / 1P
PTR SERIES - ABS ALL PLASTIC
9/27/2022
PTR-28487 BUD-PTR-28487 Datasheet
107Kb / 1P
PTR SERIES - ABS ALL PLASTIC
9/27/2022
PTR-28489 BUD-PTR-28489 Datasheet
100Kb / 1P
PTR SERIES - ABS ALL PLASTIC
9/27/2022
PTR-28490 BUD-PTR-28490 Datasheet
105Kb / 1P
PTR SERIES - ABS ALL PLASTIC
9/27/2022
PTR-28491 BUD-PTR-28491 Datasheet
110Kb / 1P
PTR SERIES - ABS ALL PLASTIC
9/27/2022
PTR-28492 BUD-PTR-28492 Datasheet
97Kb / 1P
PTR SERIES - ABS ALL PLASTIC
9/27/2022
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com