Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSS40 Datasheet(PDF) 6 Page - STMicroelectronics

Part # MSS40
Description  Back to back SCR module
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MSS40 Datasheet(HTML) 6 Page - STMicroelectronics

  MSS40 Datasheet HTML 1Page - STMicroelectronics MSS40 Datasheet HTML 2Page - STMicroelectronics MSS40 Datasheet HTML 3Page - STMicroelectronics MSS40 Datasheet HTML 4Page - STMicroelectronics MSS40 Datasheet HTML 5Page - STMicroelectronics MSS40 Datasheet HTML 6Page - STMicroelectronics MSS40 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
Ordering information
MSS40, MSS50
6/7
4
Ordering information
5
Revision history
Table 7.
Ordering information
Part number
Marking
Package
Weight
Base qty
Delivery mode
MSS40-1200
MSS40-1200
ISOTOP
27 g
(without screws)
10
(with screws)
Tube
MSS50-800
MSS50-800
MSS50-1200
MSS50-1200
Table 8.
Revision history
Date
Revision
Changes
Sep-2000
3
Last release.
11-Jul-2007
4
Reformated to current standards. Removed MSS40-800 product.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com