Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSS40 Datasheet(PDF) 4 Page - STMicroelectronics

Part # MSS40
Description  Back to back SCR module
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MSS40 Datasheet(HTML) 4 Page - STMicroelectronics

  MSS40 Datasheet HTML 1Page - STMicroelectronics MSS40 Datasheet HTML 2Page - STMicroelectronics MSS40 Datasheet HTML 3Page - STMicroelectronics MSS40 Datasheet HTML 4Page - STMicroelectronics MSS40 Datasheet HTML 5Page - STMicroelectronics MSS40 Datasheet HTML 6Page - STMicroelectronics MSS40 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
Ordering information scheme
MSS40, MSS50
4/7
2
Ordering information scheme
Figure 10.
Ordering information scheme
Figure 8.
On-state characteristics (maximum
values) (MSS40)
Figure 9.
On-state characteristics (maximum
values) (MSS50)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
10
100
500
I
(A)
TM
V
(V)
TM
Tj=max
T =25°C
j
V =0.85V
R =11m
T max.:
j
t0
d
Ω
0.0
1.0
2.0
3.0
4.0
5.0
6.0
10
100
1000
I
(A)
TM
V
(V)
TM
Tj=max
T =25°C
j
V =0.85V
R =7m
T max.:
j
t0
d
Ω
MSS 40 - 800
SCR Module series
Voltage
Current
40 = 55 A
50 = 70 A
800 = 800 V
1200 = 1200 V



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com