Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TD310 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TD310
Description  TRIPLE IGBT/MOS DRIVER WITH CURRENT SENSE
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TD310 Datasheet(HTML) 1 Page - STMicroelectronics

  TD310 Datasheet HTML 1Page - STMicroelectronics TD310 Datasheet HTML 2Page - STMicroelectronics TD310 Datasheet HTML 3Page - STMicroelectronics TD310 Datasheet HTML 4Page - STMicroelectronics TD310 Datasheet HTML 5Page - STMicroelectronics TD310 Datasheet HTML 6Page - STMicroelectronics TD310 Datasheet HTML 7Page - STMicroelectronics TD310 Datasheet HTML 8Page - STMicroelectronics TD310 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1/9
s THREE POWER IGBT/MOS AND PULSE
TRANSFORMER DRIVERS
s CURRENT SENSE COMPARATOR
s UNCOMMITTED OP-AMP
s 0.6 A PER CHANNEL PEAK OUTPUT
CURRENT CAPABILITY
s LOW OUTPUT IMPEDANCE TYP: 7
Ω AT
200mA
s CMOS/LSTTL COMPATIBLE INVERTING
INPUT WITH HYSTERESIS
s 4V TO 16V SINGLE SUPPLY OPERATION
s LOW BIAS CURRENT TYP: 1.5mA
s ADJUSTABLE UNDERVOLTAGE LOCKOUT
LEVEL
s STAND-BY MODE
s CHANNEL PARALLELING CAPABILITY
DESCRIPTION
The TD310 is designed to drive one, two or three
Power IGBT/MOS and has driving capability for
pulse transformer. So it is perfectly suited to
interface control IC with Power Switches in low
side or half-bridge configuration.
TD310 includes a current sense comparator which
inhibit the output drivers in case of overcurrent. An
alarm output signals the even to a controller.
TD310 also includes an uncommitted op-amp
which can be used for current measurement (as
an
amplifier
before
the
A/D
input
of
a
microcontroller) of for other general purpose.
Programmable undervoltage lockout and standby
mode make TD310 suitable for a large area of
environment and application.
Typical applications are low side IGBT and power
MOSFET drive in three phase systems, pulse
transformer drive, and general purpose pulse
drive.
ORDER CODE
N = Dual in Line Package (DIP)
D = Small Outline Package (SO) - also available in Tape & Reel (DT)
PIN CONNECTIONS (top view)
Part Number
Temperature Range
Package
ND
TD310I
-40°C, +125°C
••
N
DIP-16
(Plastic Package)
D
SO-16
(Plastic Micropackage)
VCC
INA
INB
INC
Enable
Alarm
OA Output
OA Input +
Sense +
OA Input -
Sense -
Gnd
OUTC
OUTB
OUTA
UVLO/Stby
10
9
8
7
6
5
4
3
2
1
11
12
13
14
15
16
TD310
TRIPLE IGBT/MOS DRIVER WITH CURRENT SENSE
December 2001


Similar Part No. - TD310

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TD310 STMICROELECTRONICS-TD310 Datasheet
82Kb / 9P
TRIPLE IGBT/MOS DRIVER
Oct-1997
TD310 STMICROELECTRONICS-TD310 Datasheet
132Kb / 9P
TRIPLE IGBT/MOS DRIVER WITH CURRENT SENSE
Dec-2001
TD310 STMICROELECTRONICS-TD310 Datasheet
136Kb / 9P
TRIPLE IGBT/MOS DRIVER WITH CURRENT SENSE
Dec-2001
TD310D STMICROELECTRONICS-TD310D Datasheet
82Kb / 9P
TRIPLE IGBT/MOS DRIVER
Oct-1997
TD310I STMICROELECTRONICS-TD310I Datasheet
82Kb / 9P
TRIPLE IGBT/MOS DRIVER
Oct-1997
More results

Similar Description - TD310

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TD300 STMICROELECTRONICS-TD300 Datasheet
135Kb / 8P
15V TRIPLE IGBT/MOS DRIVER
Jun-1998
TD310 STMICROELECTRONICS-TD310 Datasheet
82Kb / 9P
TRIPLE IGBT/MOS DRIVER
Oct-1997
TD310 STMICROELECTRONICS-TD310_01 Datasheet
132Kb / 9P
TRIPLE IGBT/MOS DRIVER WITH CURRENT SENSE
Dec-2001
TD310IN STMICROELECTRONICS-TD310IN Datasheet
138Kb / 9P
TRIPLE IGBT/MOS DRIVER WITH CURRENT SENSE
Dec-2001
logo
Texas Instruments
DRV8886 TI1-DRV8886_18 Datasheet
2Mb / 45P
2-A Stepper Motor Driver With Integrated Current Sense
DRV8884 TI1-DRV8884_18 Datasheet
2Mb / 44P
1.0-A Stepper Motor Driver With Integrated Current Sense
DRV8885 TI1-DRV8885_18 Datasheet
2Mb / 44P
1.5-A Stepper Motor Driver With Integrated Current Sense
logo
Shenzhen Huazhimei Semi...
HM4116 HMSEMI-HM4116 Datasheet
506Kb / 8P
Built-in 5A MOS high-side current-sense buck LED constant current driver
logo
ON Semiconductor
NCD57085 ONSEMI-NCD57085 Datasheet
324Kb / 23P
Isolated Compact IGBT Gate Driver with Current Sense
March, 2021 - Rev. 0
logo
STMicroelectronics
TD310 STMICROELECTRONICS-TD310_V01 Datasheet
136Kb / 9P
TRIPLE IGBT/MOS DRIVER WITH CURRENT SENSE
Dec-2001
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com