Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7473A Datasheet(PDF) 1 Page - STMicroelectronics

Part # TDA7473A
Description  QUAD BTL DRIVER WITH VOLTAGE REGULATOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7473A Datasheet(HTML) 1 Page - STMicroelectronics

  TDA7473A Datasheet HTML 1Page - STMicroelectronics TDA7473A Datasheet HTML 2Page - STMicroelectronics TDA7473A Datasheet HTML 3Page - STMicroelectronics TDA7473A Datasheet HTML 4Page - STMicroelectronics TDA7473A Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
TDA7473
QUAD BTL DRIVER WITH VOLTAGE REGULATOR
4 BUILT-IN POWER BRIDGES (4 x 0.6A)
NO EXTERNAL COMPONENTS
SINGLE POWER SUPPLY
WIDE SUPPLY VOLTAGE RANGE (6 TO 15V)
5V REGULATOR DRIVER FOR EXTERNAL
PASS
TRANSISTOR
WITH
FOLD-BACK
SHORT CIRCUIT PROTECTION
ADJUSTABLE REGULATOR (2.0 TO 3.6V @
200mA) WITH SHORT CIRCUIT PROTEC-
TION
DESCRIPTION
This device is a quad power driver circuit in BTL
configuration, intended for use as a power driver
for servo systems with a single supply.
It’s specially dedicated to compact disc players
and it’s capable of driving focus & tracking actua-
tors sledge & spindle motors.
The regulators are mainly used to have a 5V sup-
ply for the power part and a lower programmable
voltage for the logic circuits.
June 1998
OC
+
-
VS/2
-
+
OUT 1+
OUT 1-
OUT 4-
REFERENCE
ADJ
REG
ST_BY
IN4
COMM
REF
VS3
IN2
IN1
DRIV
D95AU223B
IN3
5V
+
-
+
-
VS/2
-
+
OUT 2+
OUT 2-
+
-
+
-
VS/2
-
+
OUT 3+
OUT 3-
+
-
+
-
VS/2
-
+
OUT 4+
+
-
M
M
TRACKING
ACTUATOR
SLEDGE
MOTOR
SPINDLE
MOTOR
FOCUS
ACTUATOR
VBG
VBG
VBG
VS4
GND GND GND GND
VSUP
+
VS1
VS2
R1
1K
R2
1K
Figure 1: Quad BTL Power Bridges + Multifunction Regulators.
SO28 (24+2+2)
®
1/5
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)


Similar Part No. - TDA7473A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7473 STMICROELECTRONICS-TDA7473 Datasheet
37Kb / 5P
QUAD BTL DRIVER WITH VOLTAGE REGULATOR
Jun-1998
More results

Similar Description - TDA7473A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L4946 STMICROELECTRONICS-L4946 Datasheet
88Kb / 9P
QUAD VOLTAGE REGULATOR WITH INHIBIT AND RESET
Jun-2000
L4946B STMICROELECTRONICS-L4946B Datasheet
88Kb / 9P
QUAD VOLTAGE REGULATOR WITH INHIBIT AND RESET
Jun-2000
L4948 STMICROELECTRONICS-L4948 Datasheet
88Kb / 9P
QUAD VOLTAGE REGULATOR WITH INHIBIT AND RESET
Jun-2000
TDA7473 STMICROELECTRONICS-TDA7473 Datasheet
37Kb / 5P
QUAD BTL DRIVER WITH VOLTAGE REGULATOR
Jun-1998
logo
Sanyo Semicon Device
LA5690D SANYO-LA5690D Datasheet
131Kb / 5P
Voltage Regulator Driver with Watchdog Timer
LA5692D SANYO-LA5692D Datasheet
351Kb / 6P
Voltage Regulator Driver with Watchdog Timer
LA5693D SANYO-LA5693D Datasheet
322Kb / 6P
Voltage Regulator Driver with Watchdog Timer
LA5693AM SANYO-LA5693AM Datasheet
609Kb / 7P
Voltage Regulator Driver with Watchdog Timer
LA5693D SANYO-LA5693D_08 Datasheet
145Kb / 7P
with Watchdog Timer Voltage Regulator Driver
logo
List of Unclassifed Man...
AM5810 ETC1-AM5810 Datasheet
326Kb / 7P
Quad BTL Power Driver Motor Driver ICs
May, 2003 V0.2
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com