Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM2141 Datasheet(PDF) 6 Page - Analog Devices

Part # SSM2141
Description  High Common-Mode Rejection Differential Line Receiver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2141 Datasheet(HTML) 6 Page - Analog Devices

  SSM2141 Datasheet HTML 1Page - Analog Devices SSM2141 Datasheet HTML 2Page - Analog Devices SSM2141 Datasheet HTML 3Page - Analog Devices SSM2141 Datasheet HTML 4Page - Analog Devices SSM2141 Datasheet HTML 5Page - Analog Devices SSM2141 Datasheet HTML 6Page - Analog Devices SSM2141 Datasheet HTML 7Page - Analog Devices SSM2141 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
SSM2141
REV.
–6–
MAINTAINING COMMON-MODE REJECTION
In order to achieve the full common-mode rejection capability
of the SSM2141, the source impedance must be carefully
controlled. Slight imbalances of the source resistance will result
in a degradation of DC CMR—even a 5
Ω imbalance will
degrade CMR by 20 dB. Also, the matching of the reactive
source impedance must be matched in order to preserve the
CMRR over frequency.
Figure 1. Precision Difference Amplifier. Rejects
Common-Mode Signal =
[E1 +E2 ]
2
by 100 dB
Figure 2. Precision Unity Gain Inverting Amplifier
Figure 3. Precision Summing Amplifier
Figure 4. Precision Summing Amplifier with Gain
Figure 5. Suitable Instrumentation Amplifier
Requirements can be Addressed by Using an
Input Stage Consisting of A1, A2, R1 and R2
C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com