Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM2141 Datasheet(PDF) 2 Page - Analog Devices

Part # SSM2141
Description  High Common-Mode Rejection Differential Line Receiver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2141 Datasheet(HTML) 2 Page - Analog Devices

  SSM2141 Datasheet HTML 1Page - Analog Devices SSM2141 Datasheet HTML 2Page - Analog Devices SSM2141 Datasheet HTML 3Page - Analog Devices SSM2141 Datasheet HTML 4Page - Analog Devices SSM2141 Datasheet HTML 5Page - Analog Devices SSM2141 Datasheet HTML 6Page - Analog Devices SSM2141 Datasheet HTML 7Page - Analog Devices SSM2141 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
SSM2141–SPECIFICATIONS
ELECTRICAL CHARACTERISTICS
SSM2141
Parameter
Symbol
Conditions
Min
Typ
Max
Units
OFFSET VOLTAGE
VOS
VCM = 0 V
–1000
25
1000
µV
GAIN ERROR
No Load, VIN = ± 10 V, RS = 0 Ω
0.001 0.01
%
INPUT VOLTAGE RANGE
IVR
(Note 1)
±10
V
COMMON-MODE REJECTION
CMR
VCM =
±10 V
80
100
dB
POWER SUPPLY REJECTION RATIO
PSRR
VS =
±6 V to ±18 V
0.7
15
µV/V
OUTPUT SWING
VO
RL = 2 kΩ± 13
±14.7
V
SHORT-CIRCUIT CURRENT LIMIT
ISC
Output Shorted to Ground
+45/–15
mA
SMALL-SIGNAL BANDWIDTH (–3 dB)
BW
RL = 2 k
Ω
3
MHz
SLEW RATE
SR
RL = 2 k
Ω
6
9.5
V/
µs
TOTAL HARMONIC DISTORTION
RL = 100 kΩ
0.001
%
THD
RL = 600
Ω
0.01
CAPACITIVE LOAD DRIVE CAPABILITY CL
No Oscillation
300
pF
SUPPLY CURRENT
ISY
No Load
2.5
3.5
mA
NOTES
1Input Voltage Range Guaranteed by CMR test.
Specifications subject to change without notice
ELECTRICAL CHARACTERISTICS
Parameter
Symbol
Conditions
Min
Typ
Max
Units
OFFSET VOLTAGE
VOS
VCM = 0 V
–2500
200
2500
µV
GAIN ERROR
No Load, VIN =
±10 V, R
S = 0
Ω
0.002 0.02
%
INPUT VOLTAGE RANGE
IVR
(Note 1)
±10
V
COMMON-MODE REJECTION
CMR
VCM =
±10 V
75
90
dB
POWER SUPPLY REJECTION RATIO
PSRR
VS =
±6 V to ±18 V
1.0
20
µV/V
OUTPUT SWING
VO
RL = 2 k
Ω±13
±14.7
V
SLEW RATE
SR
RL = 2 kΩ
9.5
V/
µs
SUPPLY CURRENT
ISY
No Load
2.6
4.0
mA
NOTES
1Input Voltage Range Guaranteed by CMR test.
Specifications subject to change without notice
REV.
–2–
(@ VS =
18 V, TA = +25 C, unless otherwise noted)
(@ VS =
18 V, –40 C
≤ T
A
≤ +85 C)
C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com