Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UR5516-S08-R Datasheet(PDF) 4 Page - E-Tech Electronics LTD

Part # UR5516-S08-R
Description  3A BUS TERMINATION REGULATOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETL [E-Tech Electronics LTD]
Direct Link  http://e-tech.com.hk
Logo ETL - E-Tech Electronics LTD

UR5516-S08-R Datasheet(HTML) 4 Page - E-Tech Electronics LTD

  UR5516-S08-R Datasheet HTML 1Page - E-Tech Electronics LTD UR5516-S08-R Datasheet HTML 2Page - E-Tech Electronics LTD UR5516-S08-R Datasheet HTML 3Page - E-Tech Electronics LTD UR5516-S08-R Datasheet HTML 4Page - E-Tech Electronics LTD UR5516-S08-R Datasheet HTML 5Page - E-Tech Electronics LTD UR5516-S08-R Datasheet HTML 6Page - E-Tech Electronics LTD UR5516-S08-R Datasheet HTML 7Page - E-Tech Electronics LTD UR5516-S08-R Datasheet HTML 8Page - E-Tech Electronics LTD UR5516-S08-R Datasheet HTML 9Page - E-Tech Electronics LTD  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
UR5516
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
4 of 9
www.unisonic.com.tw
QW-R101-015,D
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
RATINGS
UNIT
VCNTL Supply Voltage, VCNTL to GND
VCNTL
-0.2 ~ 7
V
VIN Supply Voltage, VIN to GND
VIN
-0.2 ~ 3.9
V
Power Dissipation
PD
Internally Limited
W
Junction Temperature
TJ
+150
°C
Storage Temperature
TSTG
-40 ~ +150
°C
Note Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
RECOMMENDED OPERATING CONDITIONS
PARAMETER
SYMBOL
RANGES
UNIT
VCNTL Supply Voltage (Note 1)
VCNTL
3.1 ~ 6
V
VIN Supply Voltage (Note 2)
VIN
1.2 ~ 3.5
V
VREF Input Voltage
VREF
0.85 ~ 1.75
V
VOUT Output Voltage (Note 3)
VOUT
VREF ± 0.02
V
VOUT Output Current (Note 4,5)
IOUT
-3 ~ +3
A
Junction Temperature
TJ
0 ~ +125
°C
Note: 1. Please always keep VCNTL-VOUT>1.9V for good regulation.
2. Please supply enough voltage to VIN for sourcing desired maximum output current. Please refer to the VIN
Dropout Voltage vs. Output Current in the Typical Characteristics.
3. The VOUT is regulated to the VREF with additional voltage offset and load regulation except over-load
conditions.
4. The symbol “+” means the VOUT sources current to load; the symbol “-“ means the VOUT sinks current to
GND.
5. The max. IOUT varies with the TJ and the voltages of VIN-VOUT and VOUT. Please refer to the Typical
Characteristics.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com