Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UR5516-S08-R Datasheet(PDF) 1 Page - E-Tech Electronics LTD

Part # UR5516-S08-R
Description  3A BUS TERMINATION REGULATOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETL [E-Tech Electronics LTD]
Direct Link  http://e-tech.com.hk
Logo ETL - E-Tech Electronics LTD

UR5516-S08-R Datasheet(HTML) 1 Page - E-Tech Electronics LTD

  UR5516-S08-R Datasheet HTML 1Page - E-Tech Electronics LTD UR5516-S08-R Datasheet HTML 2Page - E-Tech Electronics LTD UR5516-S08-R Datasheet HTML 3Page - E-Tech Electronics LTD UR5516-S08-R Datasheet HTML 4Page - E-Tech Electronics LTD UR5516-S08-R Datasheet HTML 5Page - E-Tech Electronics LTD UR5516-S08-R Datasheet HTML 6Page - E-Tech Electronics LTD UR5516-S08-R Datasheet HTML 7Page - E-Tech Electronics LTD UR5516-S08-R Datasheet HTML 8Page - E-Tech Electronics LTD UR5516-S08-R Datasheet HTML 9Page - E-Tech Electronics LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UR5516
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 9
Copyright © 2007 Unisonic Technologies Co., Ltd
QW-R101-015,D
3A BUS TERMINATION
REGULATOR
DESCRIPTION
The UTC UR5516 is designed to provide a regulated voltage with
bi-directional output current for DDR-SDRAM termination.
Current-limit work to limit the short-circuit current, on-chip thermal
shutdown provides protection against any combination of overload
that would create excessive junction temperature. The output voltage
tracks the voltage at VREF pin. A resistor divider connected to VIN,
GND and VREF pins is used to provide a half voltage of VIN to VREF
pin. In addition, an external ceramic capacitor and an open-drain
transistor connected to VREF pin provides soft-start and shutdown
control respectively. Pulling and holding the VREF to GND shuts off
the output. The output of UTC UR5516 will be high impedance after
being shut down by VREF or thermal shutdown function.
FEATURES
* Provide bi-direction current
- Sourcing or sinking current up to 3A
* 1.25V/0.9V output for DDR I/II applications
* Fast transient response
* High output accuracy
- ±20mv over load, VOUT offset and temperature
* Adjustable output voltage by external resistors
* Current-limit protection
* On-chip thermal shutdown
* Shutdown for standby or suspend mode
SOP-8
HSOP-8
TO-263-5
TO-252-5
1
1
*Pb-free plating product number: UR5516L
ORDERING INFORMATION
Ordering Number
Normal
Lead Free Plating
Package
Packing
UR5516-S08-R
UR5516L-S08-R
SOP-8
Tape Reel
UR5516-S08-R
UR5516L-S08-R
SOP-8
Tube
UR5516-SH2-R
UR5516L-SH2-R
HSOP-8
Tape Reel
UR5516-SH2-R
UR5516L-SH2-R
HSOP-8
Tube
UR5516-TN5-R
UR5516L-TN5-R
TO-252-5
Tape Reel
UR5516-TN5-T
UR5516L-TN5-T
TO-252-5
Tube
UR5516-TQ5-R
UR5516L-TQ5-R
TO-263-5
Tape Reel
UR5516-TQ5-T
UR5516L-TQ5-T
TO-263-5
Tube


Similar Part No. - UR5516-S08-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UR5516-S08-R UTC-UR5516-S08-R Datasheet
139Kb / 9P
3A BUS TERMINATION REGULATOR
UR5516-S08-R UTC-UR5516-S08-R Datasheet
230Kb / 9P
3A BUS TERMINATION REGULATOR
UR5516-S08-R UTC-UR5516-S08-R Datasheet
245Kb / 9P
3A BUS TERMINATION REGULATOR
More results

Similar Description - UR5516-S08-R

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
ML6554 FAIRCHILD-ML6554 Datasheet
386Kb / 14P
3A Bus Termination Regulator
logo
Micro Linear Corporatio...
ML6554 MICRO-LINEAR-ML6554 Datasheet
168Kb / 14P
3A Bus Termination Regulator
logo
Unisonic Technologies
UR5516 UTC-UR5516 Datasheet
139Kb / 9P
3A BUS TERMINATION REGULATOR
UR5516B UTC-UR5516B Datasheet
220Kb / 9P
3A BUS TERMINATION REGULATOR
UR5516C UTC-UR5516C Datasheet
208Kb / 9P
3A BUS TERMINATION REGULATOR
logo
Anpec Electronics Corop...
APL5331 ANPEC-APL5331_08 Datasheet
714Kb / 23P
3A Bus Termination Regulator
APL5333 ANPEC-APL5333 Datasheet
443Kb / 16P
3A Bus Termination Regulator
logo
Unisonic Technologies
UR5516 UTC-UR5516_15 Datasheet
245Kb / 9P
3A BUS TERMINATION REGULATOR
UR5516A UTC-UR5516A_16 Datasheet
227Kb / 8P
3A BUS TERMINATION REGULATOR
UR5516C UTC-UR5516C_15 Datasheet
236Kb / 8P
3A BUS TERMINATION REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com