Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HTIP107 Datasheet(PDF) 2 Page - Hi-Sincerity Mocroelectronics

Part # HTIP107
Description  PNP EPITAXIAL PLANAR TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HSMC [Hi-Sincerity Mocroelectronics]
Direct Link  http://www.hsmc.com.tw
Logo HSMC - Hi-Sincerity Mocroelectronics

HTIP107 Datasheet(HTML) 2 Page - Hi-Sincerity Mocroelectronics

  HTIP107 Datasheet HTML 1Page - Hi-Sincerity Mocroelectronics HTIP107 Datasheet HTML 2Page - Hi-Sincerity Mocroelectronics HTIP107 Datasheet HTML 3Page - Hi-Sincerity Mocroelectronics HTIP107 Datasheet HTML 4Page - Hi-Sincerity Mocroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
HI-SINCERITY
MICROELECTRONICS CORP.
Spec. No. : HE6735
Issued Date : 1994.08.10
Revised Date : 2002.01.18
Page No. : 2/4
HTIP107
HSMC Product Specification
Characteristics Curve
Current Gain & Collector Current
1
10
100
1000
10000
100000
1
10
100
1000
10000
Collector Current IC (mA)
25
oC
125
oC
75
oC
hFE @ VCE=4V
Saturation Voltage & Collector Current
100
1000
10000
100
1000
10000
Collector Current IC (mA)
VCE(sat) @ IC=500IB
125
oC
75
oC
25
oC
Saturation Voltage & Collector Current
100
1000
10000
100
1000
10000
Collector Current IC (mA)
VCE(sat) @ IC=625IB
125
oC
75
oC
25
oC
Saturation Voltage & Collector Current
100
1000
10000
100
1000
10000
Collector Current IC (mA)
VCE(sat) @ IC=100IB
125
oC
75
oC
25
oC
ON Voltage & Collcetor Current
100
1000
10000
10
100
1000
10000
Collector Current IC (mA)
VBE(ON) @ VCE=4V
25
oC
75
oC
125
oC
Switching Time & Collector Current
0.1
1
10
110
Collector Current (A)
Tstg
Tf
Ton
VCC=30V, IC=250IB1=-250IB2



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com