Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HTIP107 Datasheet(PDF) 1 Page - Hi-Sincerity Mocroelectronics

Part # HTIP107
Description  PNP EPITAXIAL PLANAR TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HSMC [Hi-Sincerity Mocroelectronics]
Direct Link  http://www.hsmc.com.tw
Logo HSMC - Hi-Sincerity Mocroelectronics

HTIP107 Datasheet(HTML) 1 Page - Hi-Sincerity Mocroelectronics

  HTIP107 Datasheet HTML 1Page - Hi-Sincerity Mocroelectronics HTIP107 Datasheet HTML 2Page - Hi-Sincerity Mocroelectronics HTIP107 Datasheet HTML 3Page - Hi-Sincerity Mocroelectronics HTIP107 Datasheet HTML 4Page - Hi-Sincerity Mocroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
HI-SINCERITY
MICROELECTRONICS CORP.
Spec. No. : HE6735
Issued Date : 1994.08.10
Revised Date : 2002.01.18
Page No. : 1/4
HTIP107
HSMC Product Specification
HTIP107
PNP EPITAXIAL PLANAR TRANSISTOR
Description
The HTIP107 is designed for use in general purpose amplifier and low-
speed switching applications.
Absolute Maximum Ratings (Ta=25
°C)
• Maximum Temperatures
Storage Temperature ........................................................................................................ -55 ~ +150
°C
Junction Temperature ................................................................................................ +150
°C Maximum
• Maximum Power Dissipation
Total Power Dissipation (Tc=25
°C)................................................................................................. 80 W
Total Power Dissipation (Ta=25
°C)................................................................................................... 2 W
• Maximum Voltages and Currents
BVCBO Collector to Base Voltage ............................................................................................... -100 V
BVCEO Collector to Emitter Voltage ............................................................................................ -100 V
BVEBO Emitter to Base Voltage ...................................................................................................... -5 V
IC Collector Current ......................................................................................................................... -8 A
Characteristics (Ta=25
°C)
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
BVCBO
-100
-
-
V
IC=-1mA, IE=0
BVCEO
-100
-
-
V
IC=-30mA, IB=0
ICBO
-
-
-50
uA
VCB=-100V, IE=0
ICEO
-
-
-50
uA
VCE=-50V, IB=0
IEBO
-
-
-8
mA
VEB=-5V, IC=0
*VCE(sat)1
-
-
-2
V
IC=-3A, IB=-6mA
*VCE(sat)2
-
-
-2.5
V
IC=-8A, IB=-80mA
*VBE(on)
-
-
-2.8
V
IC=-8A, VCE=-4V
*hFE1
1
-
20
K
IC=-3A, VCE=-4V
*hFE2
200
-
-
IC=-8A, VCE=-4V
Cob
-
-
300
pF
VCB=-10V, f=0.1MHz
*Pulse Test: Pulse Width
≤380us, Duty Cycle≤2%
Darlington Schematic
R2
R1
C
E
B
TO-220


Similar Part No. - HTIP107

ManufacturerPart #DatasheetDescription
logo
Hi-Sincerity Mocroelect...
HTIP102 HSMC-HTIP102 Datasheet
37Kb / 4P
NPN EPITAXIAL PLANAR TRANSISTOR
HTIP105 HSMC-HTIP105 Datasheet
35Kb / 3P
PNP EPITAXIAL PLANAR TRANSISTOR
More results

Similar Description - HTIP107

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
MPSA194 UTC-MPSA194 Datasheet
53Kb / 1P
PNP EPITAXIAL PLANAR TRANSISTOR
logo
GTM CORPORATION
G2N4403 GTM-G2N4403 Datasheet
112Kb / 2P
PNP EPITAXIAL PLANAR TRANSISTOR
G2N5401 GTM-G2N5401 Datasheet
147Kb / 3P
PNP EPITAXIAL PLANAR TRANSISTOR
G8550S GTM-G8550S Datasheet
174Kb / 3P
PNP EPITAXIAL PLANAR TRANSISTOR
GL4401 GTM-GL4401 Datasheet
164Kb / 2P
PNP EPITAXIAL PLANAR TRANSISTOR
GL5401 GTM-GL5401 Datasheet
166Kb / 2P
PNP EPITAXIAL PLANAR TRANSISTOR
GM649A GTM-GM649A Datasheet
478Kb / 2P
PNP EPITAXIAL PLANAR TRANSISTOR
GM1426 GTM-GM1426 Datasheet
173Kb / 2P
PNP EPITAXIAL PLANAR TRANSISTOR
GM2907A GTM-GM2907A Datasheet
214Kb / 2P
PNP EPITAXIAL PLANAR TRANSISTOR
GMBT1132 GTM-GMBT1132 Datasheet
257Kb / 3P
PNP EPITAXIAL PLANAR TRANSISTOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com