Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCV47 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # BCV47
Description  60V NPN DARLINGTON TRANSISTOR IN SOT23
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BCV47 Datasheet(HTML) 1 Page - Diodes Incorporated

  BCV47 Datasheet HTML 1Page - Diodes Incorporated BCV47 Datasheet HTML 2Page - Diodes Incorporated BCV47 Datasheet HTML 3Page - Diodes Incorporated BCV47 Datasheet HTML 4Page - Diodes Incorporated BCV47 Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
BCV47
Document number: DS33001 Rev. 4 - 2
1 of 5
www.diodes.com
December 2012
© Diodes Incorporated
BCV47
A Product Line of
Diodes Incorporated
60V NPN DARLINGTON TRANSISTOR IN SOT23
Features
•
BVCEO > 60V
•
Darlington Transistor hFE > 10k @ 100mA for high gain
•
IC = 500mA high Continuous Collector Current
•
Complementary Darlington PNP Type: BCV46
•
Totally Lead-Free & Fully RoHS compliant (Notes 1 & 2)
•
Halogen and Antimony Free. “Green” Device (Note 3)
•
Qualified to AEC-Q101 Standards for High Reliability
•
PPAP capable (Note 4)
Mechanical Data
•
Case: SOT23
•
Case Material: molded plastic, “Green” molding compound
•
UL Flammability Classification Rating 94V-0
•
Moisture Sensitivity: Level 1 per J-STD-020
•
Terminals: Finish – Matte Tin Plated Leads, Solderable per
MIL-STD-202, Method 208
•
Weight 0.008 grams (approximate)
Ordering Information (Notes 4 & 5)
Part Number
Compliance
Marking
Reel size (inches)
Tape width (mm)
Quantity per reel
BCV47TA
AEC-Q101
ZFG
7
8
3,000
BCV47TC
AEC-Q101
ZFG
13
8
10,000
BCV47QTA
Automotive
ZFG
7
8
3,000
BCV47QTC
Automotive
ZFG
13
8
10,000
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green" and Lead-free. 
3. Halogen- and Antimony-free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. Automotive products are AEC-Q101 qualified and are PPAP capable. Automotive, AEC-Q101 and standard products are electrically and thermally
the same, except where specified.
5. For packaging details, go to our website at http://www.diodes.com.
Marking Information
ZFG = Product Type Marking Code
Top View
Pin-Out
C
E
B
Top View
Device Symbol
SOT23
ZFG
C
E
B


Similar Part No. - BCV47

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BCV47 PHILIPS-BCV47 Datasheet
43Kb / 8P
NPN Darlington transistors
1999 Apr 08
logo
Zetex Semiconductors
BCV47 ZETEX-BCV47 Datasheet
49Kb / 1P
NPN SILICON PLANAR DARLINGTON TRANSISTORS
logo
Siemens Semiconductor G...
BCV47 SIEMENS-BCV47 Datasheet
140Kb / 4P
NPN Silicon Darlington Transistors (For general AF applications High collector current)
logo
Central Semiconductor C...
BCV47 CENTRAL-BCV47 Datasheet
100Kb / 2P
NPN SILICON DARLINGTON TRANSISTOR
logo
Infineon Technologies A...
BCV47 INFINEON-BCV47 Datasheet
49Kb / 5P
NPN Silicon Darlington Transistors
Jul-12-2001
More results

Similar Description - BCV47

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
FMMT634TA DIODES-FMMT634TA Datasheet
296Kb / 7P
100V NPN DARLINGTON TRANSISTOR IN SOT23
Rev 2
FMMT491 DIODES-FMMT491_15 Datasheet
393Kb / 7P
60V NPN MEDIUM POWER TRANSISTOR IN SOT23
Rev 8
FMMT634Q DIODES-FMMT634Q_15 Datasheet
636Kb / 7P
100V NPN DARLINGTON TRANSISTOR IN SOT23
Rev 1
FMMT634 DIODES-FMMT634_15 Datasheet
623Kb / 7P
100V NPN DARLINGTON TRANSISTOR IN SOT23
Rev 3
BCV47 DIODES-BCV47_15 Datasheet
221Kb / 5P
60V NPN DARLINGTON TRANSISTOR IN SOT23
Rev 4
BCV46 DIODES-BCV46_15 Datasheet
216Kb / 5P
60V PNP DARLINGTON TRANSISTOR IN SOT23
Rev 4
MMBTA28 DIODES-MMBTA28_15 Datasheet
301Kb / 6P
80V NPN DARLINGTON TRANSISTOR IN SOT23
Rev 10
FMMT634Q DIODES-FMMT634Q Datasheet
612Kb / 7P
100V NPN DARLINGTON TRANSISTOR IN SOT23
Rev. 2 - 2 October 2019
BCV46 DIODES-BCV46 Datasheet
216Kb / 5P
60V PNP DARLINGTON TRANSISTOR IN SOT23
January 2013 Rev. 4 - 2
BCV47Q DIODES-BCV47Q Datasheet
453Kb / 7P
60V NPN DARLINGTON TRANSISTOR IN SOT23
November 2017 Rev. 1 - 2
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com