Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GL6551 Datasheet(PDF) 4 Page - Hynix Semiconductor

Part # GL6551
Description  COMPANDER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GL6551 Datasheet(HTML) 4 Page - Hynix Semiconductor

  GL6551 Datasheet HTML 1Page - Hynix Semiconductor GL6551 Datasheet HTML 2Page - Hynix Semiconductor GL6551 Datasheet HTML 3Page - Hynix Semiconductor GL6551 Datasheet HTML 4Page - Hynix Semiconductor GL6551 Datasheet HTML 5Page - Hynix Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
GL 6551
4
NO
SYMBOL
FUNCTION
1
FILTER OUT
Filter Amp Output Terminal.
2
FILTER IN
Filter Amp (+) Input Terminal.
Make a various kinds Filters.
3
COMP OUT
Compressor Output Terminal.
4
DATA IN
Connected to (-) Input terminal of Compressor Output Amp
through resistor
Signal which is input to this terminal is output to COMP OUT
(Pin3). (not compress)
5
C-ACF
Coupling capacitor connect Terminal.
Determined Low cutoff frequency of Compressor block by capacitance.
6
COMP RECT
Rectifing Capacitor external connect Terminal.
Determined Recovery time and Attack time of Compressor by
Capacitance.
7
COMP NF
Input resistor and decoupling capacitor of Compressor Mic Amp
external connect Terminal. Determined Mic Amp Gain by resistor.
Max gain condition is not connect resistor.
8
COMP IN
Compressor Mic Amp (+) Input Terminal.
Same potential with COMP REF (Pin 9).
9
COMP REF
Reference voltage of Compressor Internal Amp Output Terminal.
10
GND
Ground Terminal.
11
COMP MUTE
“L” state – Compressor Output Mute.
Input signal of Data In terminal is output to COMP OUT (Pin3).
“H” state – open.
12
THROUGH
“L”state – Compressor and Expander Logalithm 1 (Constant Gain)
“H” state – open.
13
EXP MUTE
“L” state = Expander Output is muting.
Data out to DATA OUT (Pin 17) Terminal.
“H” state – open.
14
EXP REF
Reference voltage of Expander Internal Amp output Terminal.
15
EXP IN
Expander Input Amp (+) Input Terminal.
16
EXP NF
Expander Input Amp (-) Input Terminal.
17
DATA OUT
Expander Input Amp Input Terminal.
18
EXP RECT
Rectifing capacitor external connect Terminal.
Determine Attack time and Recovery time of Expander by
Capacitance.
19
EXP OUT
Expander Output Terminal.
20
Vcc
Power Supply.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com