Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GL6551 Datasheet (PDF) - Hynix Semiconductor

GL6551 Datasheet PDF - Hynix Semiconductor
Part # GL6551
Download  GL6551 Download
File Size   71.01 Kbytes
Page   5 Pages
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor
Description COMPANDER

GL6551 Datasheet (PDF)

Go To PDF Page Download Datasheet
GL6551 Datasheet PDF - Hynix Semiconductor

Part # GL6551
Download  GL6551 Click to download

File Size   71.01 Kbytes
Page   5 Pages
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor
Description COMPANDER

GL6551 Datasheet (HTML) - Hynix Semiconductor


GL6551 Product details

Description
The GL6551 is a compander IC to expand dynamic range at transmission/reception systems and to improve the tone quality by means of restricting noise. Two functions are loaded on the IC, the one is the compressor which has the 2/1 ratio of input/output ratio by logarithm, and the expander which has the 1/w ratio input/ output ratio by logarithm. The GL6551equipped with input & filter Amp, DATA IN OUT terminal. The GL6551 is well suited for use in cellular radio MCA and handy telephone set, radio communication systems.

Features
• Low operating supply voltage.
• Equipped with mute function and through function.
• Equipped with compressor MIC Amp and Expander INPUT Amp
• Equipped with Filter Buffer Amp
• Equipped with DATA IN OUT terminal.
• Operation Voltage (2.4 ~ 7.0V)
• Total gain (10~ 100dB)




Similar Part No. - GL6551

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
GL6552 HYNIX-GL6552 Datasheet
68Kb / 6P
Low Voltage Compander
More results


Similar Description - GL6551

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
GL6552 HYNIX-GL6552 Datasheet
68Kb / 6P
Low Voltage Compander
logo
Silan Microelectronics ...
SA8507 SILAN-SA8507 Datasheet
202Kb / 5P
COMPANDER
logo
Samsung semiconductor
KA8507B SAMSUNG-KA8507B Datasheet
82Kb / 6P
COMPANDER
logo
Mitsumi Electronics, Co...
MM1077 MITSUMI-MM1077 Datasheet
163Kb / 7P
Compander IC
logo
Motorola, Inc
MC33111 MOTOROLA-MC33111 Datasheet
120Kb / 12P
Low Voltage Compander
logo
Unisonic Technologies
UTC571N UTC-UTC571N Datasheet
187Kb / 4P
COMPANDER
logo
Tiger Electronic Co.,Lt...
SL5020 TGS-SL5020 Datasheet
157Kb / 7P
LOW VOLTAGE COMPANDER
logo
Unisonic Technologies
8507 UTC-8507_15 Datasheet
222Kb / 6P
4mA COMPANDER
logo
Hangzhou Youwang Electr...
UTC31101 YOUWANG-UTC31101 Datasheet
278Kb / 8P
Compander
2005.11.30 V1.1
UTC571M YOUWANG-UTC571M Datasheet
621Kb / 17P
Compander
2005.12.01
More results




About Hynix Semiconductor


Hynix Semiconductor is a South Korean company that specializes in the design and manufacture of memory semiconductors.
The company was founded in 1983 and is headquartered in Icheon, South Korea.
Hynix is one of the world's leading producers of DRAM (dynamic random access memory) and NAND flash memory, which are used in various applications such as computer systems, mobile devices, and solid-state drives.
Hynix is known for its expertise in memory semiconductor technology and its ability to deliver high-quality and high-performance memory products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized memory solutions that meet their specific requirements and needs.
In addition to its memory products, Hynix also provides a range of products and solutions for the automotive and data center markets, such as system-on-a-chip (SoC) products and high-bandwidth memory (HBM) products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com