Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GL6840B Datasheet(PDF) 4 Page - Hynix Semiconductor

Part # GL6840B
Description  Electronic Two Tone Ringer
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GL6840B Datasheet(HTML) 4 Page - Hynix Semiconductor

  GL6840B Datasheet HTML 1Page - Hynix Semiconductor GL6840B Datasheet HTML 2Page - Hynix Semiconductor GL6840B Datasheet HTML 3Page - Hynix Semiconductor GL6840B Datasheet HTML 4Page - Hynix Semiconductor GL6840B Datasheet HTML 5Page - Hynix Semiconductor GL6840B Datasheet HTML 6Page - Hynix Semiconductor GL6840B Datasheet HTML 7Page - Hynix Semiconductor GL6840B Datasheet HTML 8Page - Hynix Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
GL6840
4
Typical Application
Figure1 : Single output applied pin#5
Figure2 : Single output applied pin#6
Note) Using a big size buzzer, pin#6 output is better than pin#5 output.
Figure3 : Differential output
GL6840A
8
5
7
1
2
3
4
R1
14§ Ú
C1
100§ Ý
VS
£ «
10§ Þ
VAB Tel Line
1§ Þ250V AC 2.2§ Ú
C2
R2
C3
RING
TIP
6
Vout
Piezo
10§ Ú
10§ Ú
0.22§ Þ
Speaker
1300:8§ Ù
C
C
C
C
GL6840A
8
5
7
1
2
3
4
R1
14§ Ú
C1
100§ Ý
VS
£ «
10§ Þ
VAB Tel Line
1§ Þ250V AC
2.2§ Ú
C2
R2
C3
RING
TIP
6
Vout
Piezo
10§ Ú
0.22§ Þ
10§ Ú
Speaker
1300:8§ Ù
C
C
C
C
GL6840A
8
6
7
1
2
3
4
R1
14§ Ú
C1
100§ Ý
VS
£ «
10§ Þ
VAB Tel Line
1§ Þ250V AC
2.2§ Ú
C2
R2
C3
RING
TIP
5
Piezo
10§ Ú
10§ Ú
0.22§ Þ
Speaker
1300:8§ Ù
C
C
C
C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com