Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GL6840B Datasheet(PDF) 5 Page - Hynix Semiconductor

Part # GL6840B
Description  Electronic Two Tone Ringer
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GL6840B Datasheet(HTML) 5 Page - Hynix Semiconductor

  GL6840B Datasheet HTML 1Page - Hynix Semiconductor GL6840B Datasheet HTML 2Page - Hynix Semiconductor GL6840B Datasheet HTML 3Page - Hynix Semiconductor GL6840B Datasheet HTML 4Page - Hynix Semiconductor GL6840B Datasheet HTML 5Page - Hynix Semiconductor GL6840B Datasheet HTML 6Page - Hynix Semiconductor GL6840B Datasheet HTML 7Page - Hynix Semiconductor GL6840B Datasheet HTML 8Page - Hynix Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
GL6840
5
GL6840B
Electronic Two Tone Ringer
Description
GL6840B are monolithic integrated circuits designed
to replace the mechanical bell in telephone sets,
in connection with an electro acoustical converter.
The device can drive either directly a piezo ceramic
converter(buzzer) or a small loudspeaker. In this
case a transformer is needed. The two tone frequen-
cies generated are switched by an internal oscillator
in a fast sequence and made audible across output
amplifiers in the transducer, both tone frequencies
and switching frequency can be externally adjusted.
The supply voltage is obtained from the AC rings
signal and the circuit is designed so that noise on the
line or variations on the ringing signal cannot affect
the correct operation of the devices.
The output bridge configuration allows to use a high
impedance transducer with acoustical results much
better than in a single ended configuration. The two
outputs can also be connected independently to
different converters or actuators(acoustical, opto and
logic)
Features
• Low current consumption, in order to allow the
parallel operation of 4 devices
• Integrated rectifier bridge with zener diodes to
protect against overvoltages
• Little external circuitry
• Tone and switching frequencies adjustable by
external components
• Integrated voltage and current hysteresis
• Bridge output configuration
Pin Configuration
Line
Rectifier
capacitor
Buzzer
Buzzer
Output freq.
Control resistor
Sweep rate
control capacitor
GND
Line
1
2
3
4
8
7
6
5
Absolute Maximum Ratings
Calling Voltage(f=50§ Ô
)
continuous
Calling Voltage(f=50§ Ô
)
5s ON/10s OFF
Supply Current
Operating Temperature
Storage Temperature
120Vrms
200Vrms
22§ Ì
-20 to 75¡ É
-65 to 150¡ É
GL6840B
8
5
7
1
2
3
4
6
Buzzer
R1
39§ Ú
C1
100§ Ý
VS
£ «
10§ Þ
VAB
Line
1§ Þ 2.2§ Ú
(Top View)
Test Circuit
For GL6840B
3.32 x 104
R
1(§ Ú
)
x (2 - e
)
f
1 =
f
2 = 0.717 x f1
f
sweep =
39 - R
1(
§ Ú
)
358
1000
C
1(§ Ý
)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com