Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GMS30004 Datasheet(PDF) 17 Page - Hynix Semiconductor

Part # GMS30004
Description  4-BIT SINGLE CHIP MICROCOMPUTERS
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GMS30004 Datasheet(HTML) 17 Page - Hynix Semiconductor

Back Button GMS30004 Datasheet HTML 13Page - Hynix Semiconductor GMS30004 Datasheet HTML 14Page - Hynix Semiconductor GMS30004 Datasheet HTML 15Page - Hynix Semiconductor GMS30004 Datasheet HTML 16Page - Hynix Semiconductor GMS30004 Datasheet HTML 17Page - Hynix Semiconductor GMS30004 Datasheet HTML 18Page - Hynix Semiconductor GMS30004 Datasheet HTML 19Page - Hynix Semiconductor GMS30004 Datasheet HTML 20Page - Hynix Semiconductor GMS30004 Datasheet HTML 21Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 158 page
background image
1 - 12
Built in feedback-Resister
About 1
Ð
OSC2
O
Pin
I/O
Note
(Option)
Built in resonance
Capacitor
C1/C2 = 100pF
² n%
or C1/C2 = 10 ~
100pF
OSC1
I
I/O circuit
â
â
à
à
â
â
à
à
á
á
á
á
OSC2
Rd
C2
Rf
C1
OSC1
OSCSTB
Built in dumping-Resister
Rd : About 6
Ï
: Masked option
*. Recommendable circuit
OSC1
OSC2
C1
C2
Frequency
(KHz)
Resonator
Maker
Part Name
Load
Capacitor
Operating
Voltage
320
Murata
CSB320D
C1=C2=220pF
2.0 ~ 4.0V
455
Murata
CSB455E35
C1=C2=Open
2.0 ~ 4.0V
Kyocera
KBR-455BKTL70
C1=C2=Open
2.0 ~ 4.0V
Chapter 1. Introduction
Chequers
ZTB-455ET4C
C1=C2=Open
2.0 ~ 4.0V
TDK
FCR455K3
C1=C2=Open
2.0 ~ 4.0V
Murata
CSB480E35
C1=C2=Open
2.0 ~ 4.0V
480



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com