Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GMS30004 Datasheet(PDF) 6 Page - Hynix Semiconductor

Part # GMS30004
Description  4-BIT SINGLE CHIP MICROCOMPUTERS
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GMS30004 Datasheet(HTML) 6 Page - Hynix Semiconductor

Back Button GMS30004 Datasheet HTML 2Page - Hynix Semiconductor GMS30004 Datasheet HTML 3Page - Hynix Semiconductor GMS30004 Datasheet HTML 4Page - Hynix Semiconductor GMS30004 Datasheet HTML 5Page - Hynix Semiconductor GMS30004 Datasheet HTML 6Page - Hynix Semiconductor GMS30004 Datasheet HTML 7Page - Hynix Semiconductor GMS30004 Datasheet HTML 8Page - Hynix Semiconductor GMS30004 Datasheet HTML 9Page - Hynix Semiconductor GMS30004 Datasheet HTML 10Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 158 page
background image
1 - 1
CHAPTER 1. Introduction
OUTLINE OF CHARACTERISTICS
The GMS300 series is a family of 4-bit, single chip CMOS microcomputer.
Since it can form a system by one chip, it contributes to cost reduction and higher
efficiency in system.
Characteristics
$
Program memory :
512 bytes for GMS30004/012
1024 bytes for GMS30112/120/140
$
Data memory : 32
Ø 4 bits
$
43 types of instruction set
$
3 levels of subroutine nesting
$
1 bit output port for a large current (REMOUT signal)
$
Operating frequency : 300KHz to 1MHz
$
Instruction cycle :
12.5usec @480KHz
$
CMOS process (Single 3.0V power supply)
$
Stop mode (Through internal instruction)
$
Released stop mode by key input (Masked option)
$
Built in capacitor for ceramic oscillation circuit (Masked option)
$
Built in a watch dog timer (WDT)
$
Low operating voltage : (2.0~4.0V)
Table 1-1 GMS300 series members
Chapter 1. Introduction
Series
Program memory
Data memory
I/O ports
Input ports
Output ports
Package
GMS30004
512
32
Ø 4
-
4
6
D0 ~ D5
16DIP/SOP
GMS30012
à
à
4
à
6
D0 ~ D5
20DIP/SOP
GMS30112
1024
à
à
à
6
D0 ~ D5
à
GMS30120
à
à
à
à
8
D0 ~ D7
24DIP/SOP
GMS30140
à
à
à
à
10
D0 ~ D9
à



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com