Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GMS30140 Datasheet(PDF) 48 Page - Hynix Semiconductor

Part # GMS30140
Description  4-BIT SINGLE CHIP MICROCOMPUTERS
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GMS30140 Datasheet(HTML) 48 Page - Hynix Semiconductor

Back Button GMS30140 Datasheet HTML 44Page - Hynix Semiconductor GMS30140 Datasheet HTML 45Page - Hynix Semiconductor GMS30140 Datasheet HTML 46Page - Hynix Semiconductor GMS30140 Datasheet HTML 47Page - Hynix Semiconductor GMS30140 Datasheet HTML 48Page - Hynix Semiconductor GMS30140 Datasheet HTML 49Page - Hynix Semiconductor GMS30140 Datasheet HTML 50Page - Hynix Semiconductor GMS30140 Datasheet HTML 51Page - Hynix Semiconductor GMS30140 Datasheet HTML 52Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 158 page
background image
4 - 1
Chapter 4. Evaluation Board
CHAPTER 4. Evaluation Board
OUTLINE
The GMS 30000 EVA is an evaluation board for GMS300 series, 4-bit, 1-chip
microcomputer. It is designed to evaluate and confirm the operations of the
application system in the nearest possible form of final products while it is under
development.
The major features are as follows :
• The GMS 30000 EVA is used for the evaluation chip.
• The board is connected to the application system through an connection
cable (DIP24).
• EPROM of 2764, 27128, and 27256 are used for the program memory.
• The instruction system and I/O specifications are basically the same as
those of the GMS300 series.
Product Specifications
• GMS 30000 EVA board module
Dimensions
64
Ø 82 (mm)
Supply Voltage
2.5 ~ 5.5 (V)
Operating temperature 0~50 (
Î)
• Connection cable
DIP 24 cable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com