Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GMS30140 Datasheet(PDF) 49 Page - Hynix Semiconductor

Part # GMS30140
Description  4-BIT SINGLE CHIP MICROCOMPUTERS
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GMS30140 Datasheet(HTML) 49 Page - Hynix Semiconductor

Back Button GMS30140 Datasheet HTML 45Page - Hynix Semiconductor GMS30140 Datasheet HTML 46Page - Hynix Semiconductor GMS30140 Datasheet HTML 47Page - Hynix Semiconductor GMS30140 Datasheet HTML 48Page - Hynix Semiconductor GMS30140 Datasheet HTML 49Page - Hynix Semiconductor GMS30140 Datasheet HTML 50Page - Hynix Semiconductor GMS30140 Datasheet HTML 51Page - Hynix Semiconductor GMS30140 Datasheet HTML 52Page - Hynix Semiconductor GMS30140 Datasheet HTML 53Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 158 page
background image
4 - 2
Connection
Perform emulation with the following connectors.
[User] Connection socket
The cable for the target system is connected.
Pin No.
1
Signal
Reset
Pin No.
13
Signal
D9
2
GND
14
D1
3
R0
15
D2
4
R1
16
D3
5
R2
17
D4
6
R3
18
D5
7
K0
19
D6
8
K1
20
D7
9
K2
21
Remout
10
K3
22
OSC2
11
D0
23
OSC1
12
D8
24
VDD
[M1] Monitor pin
Operations inside the GMS 30000 EVA can be monitored. Signals that can be
monitored are as follows.
AC0~AC3, X0, X1, Y0~Y3, REMDATA, CK2, CK5, WDTR, GND
[M2] Oscillation monitoring pin
The oscillation output signal can be monitored.
[T1] D8 output monitoring pin
The D8 output signal can be monitored.
[T2] D9 output monitoring pin
The D9 output signal can be monitored.
Chapter 4. Evaluation Board



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com