Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GMS81024 Datasheet(PDF) 13 Page - Hynix Semiconductor

Part # GMS81024
Description  8-BIT SINGLE CHIP MICROCOMPUTERS
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GMS81024 Datasheet(HTML) 13 Page - Hynix Semiconductor

Back Button GMS81024 Datasheet HTML 9Page - Hynix Semiconductor GMS81024 Datasheet HTML 10Page - Hynix Semiconductor GMS81024 Datasheet HTML 11Page - Hynix Semiconductor GMS81024 Datasheet HTML 12Page - Hynix Semiconductor GMS81024 Datasheet HTML 13Page - Hynix Semiconductor GMS81024 Datasheet HTML 14Page - Hynix Semiconductor GMS81024 Datasheet HTML 15Page - Hynix Semiconductor GMS81024 Datasheet HTML 16Page - Hynix Semiconductor GMS81024 Datasheet HTML 17Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 101 page
background image
1 - 8
1.4 Pin Function
PIN NAME
INPUT/
OUTPUT
Function
@ RESET @ STOP
R00
I/O
INPUT
State
of before
STOP
R01
R02
R03
R04
R05
R06
R07
R10
R11/INT1
R12/INT2
R13
R14/EC
R15/T2
R16/T1
R17/T0
R20
R21
R22
R23
R24
XIN
XOUT
REMOUT
RESET
TEST
VDD
VSS
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I
O
O
I
I
P
P
- Each bit of the port can be
individually configured as an
input or an output by user
software
- Push-pull output
- CMOS input with pull-up resistor
(option)
- Can be programmable as Key
Scan Input
- Pull-ups are automatically
disabled at output mode
INPUT
State
of before
STOP
- CMOS input with pull-up resistor
(option)
- Push-pull output
- Can be programmable as Key
Scan Input or Open drain output
- Direct Driving of LED(N-TR)
- Pull-ups are disabled at output
mode
INPUT
State
of before
STOP
- CMOS input with pull-up resistor
(option)
- Push-pull output
- Direct Driving of LED(N-TR)
- Pull-ups are disabled at output
mode
Low
High
- Oscillator Input
- Oscillator Output
`L` output `L` Output
- High Current Output
`L`
level
state
of before
STOP
- Includes pull-up resistor
- Includes pull-up resistor
- Positive power supply
- Ground
Chapter 1. Overview
INPUT
20Pin 24Pin 28Pin 44Pin
6
8
8
11
7
9
9
15
8
10
10
16
9
11
11
19
12
14
18
27
13
15
19
30
14
16
20
31
15
17
21
32
2
4
4
5
1
3
3
4
-
2
2
3
-
1
1
2
-
24
28
44
-
23
27
43
20
22
26
42
19
21
25
41
R25
I/O
R26
I/O
R27
I/O
10
12
12
20
-
-
13
21
-
-
14
22
-
-
15
24
-
-
16
25
-
-
-
13
-
-
-
14
-
-
-
36
VSS
P
5
7
7
10
4
6
6
9
18
20
24
38
17
19
23
37
16
18
22
33
3
5
5
8
11
13
17
26
-
-
-
35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com