Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GMS81024 Datasheet(PDF) 21 Page - Hynix Semiconductor

Part # GMS81024
Description  8-BIT SINGLE CHIP MICROCOMPUTERS
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GMS81024 Datasheet(HTML) 21 Page - Hynix Semiconductor

Back Button GMS81024 Datasheet HTML 17Page - Hynix Semiconductor GMS81024 Datasheet HTML 18Page - Hynix Semiconductor GMS81024 Datasheet HTML 19Page - Hynix Semiconductor GMS81024 Datasheet HTML 20Page - Hynix Semiconductor GMS81024 Datasheet HTML 21Page - Hynix Semiconductor GMS81024 Datasheet HTML 22Page - Hynix Semiconductor GMS81024 Datasheet HTML 23Page - Hynix Semiconductor GMS81024 Datasheet HTML 24Page - Hynix Semiconductor GMS81024 Datasheet HTML 25Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 101 page
background image
1 - 16
1.6.4 AC Characteristics (VDD = 2.0~4.0, Vss = 0V, Ta = 0¡É ~ 70¡É)
Chapter 1. Overview
No
Parameter
Symbol
Unit
Pin
Specification
min
typ
max
External clock input cycle time
System clock cycle time
External clock pulse width High
External clock pulse width Low
External clock rising time
External clock falling time
interrupt pulse width High
Interrupt pulse width Low
tcp
ns
Xin
250
500
1000
1
2
3
4
5
6
7
8
Reset input pulse width low
9
tsys
tcpH
tcpL
trcp
tfcp
tIH
tIL
tRSTL
ns
ns
ns
ns
ns
tsys
tsys
tsys
Xin
Xin
Xin
Xin
INT1~INT2
RESET
INT1~INT2
500
1000 2000
40
40
40
40
2
2
8
Event counter input pulse
width high
10
Event counter input pulse
width low
11
Event counter input pulse
rising time
12
Event counter input pulse
falling time
13
tECH
tECL
trEC
tfEC
tsys
tsys
ns
ns
EC
EC
EC
EC
2
2
40
40
* Refer to Fig 1-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com