Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GMS81C2012K Datasheet(PDF) 29 Page - Hynix Semiconductor

Part # GMS81C2012K
Description  HYUNDAI MICRO ELECTRONICS 8-BIT SINGLE-CHIP MICROCONTROLLERS
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GMS81C2012K Datasheet(HTML) 29 Page - Hynix Semiconductor

Back Button GMS81C2012K Datasheet HTML 25Page - Hynix Semiconductor GMS81C2012K Datasheet HTML 26Page - Hynix Semiconductor GMS81C2012K Datasheet HTML 27Page - Hynix Semiconductor GMS81C2012K Datasheet HTML 28Page - Hynix Semiconductor GMS81C2012K Datasheet HTML 29Page - Hynix Semiconductor GMS81C2012K Datasheet HTML 30Page - Hynix Semiconductor GMS81C2012K Datasheet HTML 31Page - Hynix Semiconductor GMS81C2012K Datasheet HTML 32Page - Hynix Semiconductor GMS81C2012K Datasheet HTML 33Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 107 page
background image
HYUNDAI MicroElectronics
GMS81C2012/GMS81C2020
MAR. 2000 Ver 1.00
29
Figure 8-7 PCALL and TCALL Memory Area
PCALL
→
→
→
→ rel
4F35
PCALL 35H
TCALL
→
→
→
→ n
4A
TCALL
4
0FFC0H
C1
Address
Program Memory
C2
C3
C4
C5
C6
C7
C8
0FF00H
Address
PCALL Area Memory
0FFFFH
PCALL Area
(256 Bytes)
* means that the BRK software interrupt is using
same address with TCALL0.
NOTE:
TCALL 15
TCALL 14
TCALL 13
TCALL 12
TCALL 11
TCALL 10
TCALL 9
TCALL 8
TCALL 7
TCALL 6
TCALL 5
TCALL 4
TCALL 3
TCALL 2
TCALL 1
TCALL 0 / BRK *
C9
CA
CB
CC
CD
CE
CF
D0
D1
D2
D3
D4
D5
D6
D7
D8
D9
DA
DB
DC
DD
DE
DF
4F
~
~
~
~
NEXT
35
0FF35H
0FF00H
0FFFFH
11111111 11010110
01001010
PC:
FH
FH
DH 6H
4A
~
~
~
~
25
0FFD6H
0FF00H
0FFFFH
D1
NEXT
0FFD7H
–
—
˜
0D125H
Reverse



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com