Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GMS81C2012K Datasheet(PDF) 71 Page - Hynix Semiconductor

Part # GMS81C2012K
Description  HYUNDAI MICRO ELECTRONICS 8-BIT SINGLE-CHIP MICROCONTROLLERS
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GMS81C2012K Datasheet(HTML) 71 Page - Hynix Semiconductor

Back Button GMS81C2012K Datasheet HTML 67Page - Hynix Semiconductor GMS81C2012K Datasheet HTML 68Page - Hynix Semiconductor GMS81C2012K Datasheet HTML 69Page - Hynix Semiconductor GMS81C2012K Datasheet HTML 70Page - Hynix Semiconductor GMS81C2012K Datasheet HTML 71Page - Hynix Semiconductor GMS81C2012K Datasheet HTML 72Page - Hynix Semiconductor GMS81C2012K Datasheet HTML 73Page - Hynix Semiconductor GMS81C2012K Datasheet HTML 74Page - Hynix Semiconductor GMS81C2012K Datasheet HTML 75Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 107 page
background image
HYUNDAI MicroElectronics
GMS81C2012/GMS81C2020
MAR. 2000 Ver 1.00
71
16. INTERRUPTS
The GMS81C20xx interrupt circuits consist of Interrupt
enable register (IENH, IENL), Interrupt request flags of
IRQH, IRQL, Priority circuit, and Master enable flag (“I”
flag of PSW). Nine interrupt sources are provided. The
configuration of interrupt circuit is shown in Figure 16-2.
The External Interrupts INT0 and INT1 each can be transi-
tion-activated (1-to-0 or 0-to-1 transition) by selection
IEDS.
The flags that actually generate these interrupts are bit
INT0F and INT1F in register IRQH. When an external in-
terrupt is generated, the flag that generated it is cleared by
the hardware when the service routine is vectored to only
if the interrupt was transition-activated.
The Timer 0 ~ Timer 1 Interrupts are generated by TxIF
which is set by a match in their respective timer/counter
register. The Basic Interval Timer Interrupt is generated by
BITIF which is set by an overflow in the timer register.
The AD converter Interrupt is generated by ADIF which is
set by finishing the analog to digital conversion.
The Watchdog timer Interrupt is generated by WDTIF
which set by a match in Watchdog timer register.
The Basic Interval Timer Interrupt is generated by BITIF
which are set by a overflow in the timer counter register.
The interrupts are controlled by the interrupt master enable
flag I-flag (bit 2 of PSW on page 26), the interrupt enable
register (IENH, IENL), and the interrupt request flags (in
IRQH and IRQL) except Power-on reset and software
BRK interrupt. Below table shows the Interrupt priority.
Vector addresses are shown in Figure 8-6 on page 28. In-
terrupt enable registers are shown in Figure 16-3. These
registers are composed of interrupt enable flags of each in-
terrupt source and these flags determines whether an inter-
rupt will be accepted or not. When enable flag is “0”, a
corresponding interrupt source is prohibited. Note that
PSW contains also a master enable bit, I-flag, which dis-
ables all interrupts at once.
Figure 16-1 Interrupt Request Flag
Reset/Interrupt
Symbol
Priority
Hardware Reset
External Interrupt 0
External Interrupt 1
Timer/Counter 0
Timer/Counter 1
-
-
-
-
ADC Interrupt
Watchdog Timer
Basic Interval Timer
Serial Communication
RESET
INT0
INT1
TIMER0
TIMER1
-
-
-
-
ADC
WDT
BIT
SCI
-
1
2
3
4
-
-
-
-
5
6
7
8
R/W
INT0IF
INITIAL VALUE: 0000 ----B
ADDRESS: 0E4H
IRQH
INT1IF
MSB
T0IF
T1IF
R/W
Timer/Counter 1 interrupt request flag
SPIF
R/W
ADIF
Serial Communication interrupt request flag
INITIAL VALUE: 0000 ----B
ADDRESS: 0E5H
IRQL
WDTIF
MSB
LSB
-
-
-
BITIF
R/W
Timer/Counter 0 interrupt request flag
-
R/W
R/W
R/W
R/W
-
-
--
Basic Interval imer interrupt request flag
Watchdog timer interrupt request flag
A/D Conver interrupt request flag
External interrupt 1 request flag
External interrupt 0 request flag
LSB
-
-
--
-
-
--



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com