Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GMS90 Datasheet(PDF) 24 Page - Hynix Semiconductor

Part # GMS90
Description  8-BIT SINGLE-CHIP MICROCONTROLLERS
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GMS90 Datasheet(HTML) 24 Page - Hynix Semiconductor

Back Button GMS90 Datasheet HTML 20Page - Hynix Semiconductor GMS90 Datasheet HTML 21Page - Hynix Semiconductor GMS90 Datasheet HTML 22Page - Hynix Semiconductor GMS90 Datasheet HTML 23Page - Hynix Semiconductor GMS90 Datasheet HTML 24Page - Hynix Semiconductor GMS90 Datasheet HTML 25Page - Hynix Semiconductor GMS90 Datasheet HTML 26Page - Hynix Semiconductor GMS90 Datasheet HTML 27Page - Hynix Semiconductor GMS90 Datasheet HTML 28Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 59 page
background image
GMS90 Series
20
Dec. 1998 Ver 3.0
TIMER 2
Timer 2 is a 16-bit timer/Counter with an up/down count feature. It can operate either as timer or as an event
counter which is selected by bit C/T2 (T2CON.1). It has three operating modes as shown in Table 5.
Note:
↓ =
falling edge
Table 5. Timer/Counter 2 Operating Modes
Mode
T2CON
T2MO
D
T2CON
P1.1/
T2EX
Remarks
Input Clock
RCLK or
TCLK
CP/RL2
TR2
DCEN
EXEN2
internal
external
(P1.0/T2)
16-bit Auto-
Reload
0
0
0
0
0
0
0
0
1
1
1
1
0
0
1
1
0
1
X
X
X
↓
0
1
reload upon over-
flow
reload trigger (fall-
ing edge)
Down counting
Up counting
fOSC ÷ 12
Max.
fOSC ÷24
16-bit
Capture
0
0
1
1
1
1
X
X
0
1
X
↓
16 bit Timer/ Coun-
ter (only up-count-
ing)
capture TH2,TL2
→ RC2H,RC2L
fOSC ÷ 12
Max.
fOSC ÷ 24
Baud Rate
Generator
1
1
X
X
1
1
X
X
0
1
X
↓
no overflow
interrupt request
(TF2)
extra external inter-
rupt ("Timer 2")
fOSC ÷ 12
Max.
fOSC ÷ 24
Off
X
X
0
X
X
X
Timer 2 stops
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com