Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GMS90 Datasheet(PDF) 4 Page - Hynix Semiconductor

Part # GMS90
Description  8-BIT SINGLE-CHIP MICROCONTROLLERS
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GMS90 Datasheet(HTML) 4 Page - Hynix Semiconductor

  GMS90 Datasheet HTML 1Page - Hynix Semiconductor GMS90 Datasheet HTML 2Page - Hynix Semiconductor GMS90 Datasheet HTML 3Page - Hynix Semiconductor GMS90 Datasheet HTML 4Page - Hynix Semiconductor GMS90 Datasheet HTML 5Page - Hynix Semiconductor GMS90 Datasheet HTML 6Page - Hynix Semiconductor GMS90 Datasheet HTML 7Page - Hynix Semiconductor GMS90 Datasheet HTML 8Page - Hynix Semiconductor GMS90 Datasheet HTML 9Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 59 page
background image
GMS90 Series
Dec. 1998 Ver 3.0
GMS90 Series Selection Guide
Note: The ROM version products in this data book will be applied to new masking version. (From Dec., 1998)
In case that you have old products, please refer to previous data book (prior to this).
Operating
Voltage (V)
ROM size (bytes)
RAM size
(bytes)
Device Name
Operating
Frequency (MHz)
MASK
OTP
4.25~5.5
ROM-less
128
256
GMS90C31
GMS90C32
12/24/40
12/24/40
4K
8K
16K
24K
32K
-
-
-
-
-
128
256
256
256
256
GMS90C51
GMS90C52
GMS90C54
GMS90C56
GMS90C58
12/24/40
12/24/40
12/24/40
12/24/40
12/24/40
-
-
-
-
-
-
-
-
-
-
4K
4K
8K
8K
16K
16K
24K
24K
32K
32K
128
128
256
256
256
256
256
256
256
256
GMS97C51
GMS97C51H
GMS97C52
GMS97C52H
GMS97C54
GMS97C54H
GMS97C56
GMS97C56H
GMS97C58
GMS97C58H
12/24
33
12/24
33
12/24
33
12/24
33
12/24
33
2.7~3.6
ROM-less
128
256
GMS90L31
GMS90L32
12/16
12/16
4K
8K
16K
24K
32K
-
-
-
-
-
128
256
256
256
256
GMS90L51
GMS90L52
GMS90L54
GMS90L56
GMS90L58
12/16
12/16
12/16
12/16
12/16
-
-
-
-
-
4K
8K
16K
24K
32K
128
256
256
256
256
GMS97L51
GMS97L52
GMS97L54
GMS97L56
GMS97L58
12
12
12
12
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com