Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GMS90C320 Datasheet(PDF) 13 Page - Hynix Semiconductor

Part # GMS90C320
Description  HYNIX SEMICONDUCTOR INC. 8-BIT SINGLE-CHIP MICROCONTROLLERS
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GMS90C320 Datasheet(HTML) 13 Page - Hynix Semiconductor

Back Button GMS90C320 Datasheet HTML 9Page - Hynix Semiconductor GMS90C320 Datasheet HTML 10Page - Hynix Semiconductor GMS90C320 Datasheet HTML 11Page - Hynix Semiconductor GMS90C320 Datasheet HTML 12Page - Hynix Semiconductor GMS90C320 Datasheet HTML 13Page - Hynix Semiconductor GMS90C320 Datasheet HTML 14Page - Hynix Semiconductor GMS90C320 Datasheet HTML 15Page - Hynix Semiconductor GMS90C320 Datasheet HTML 16Page - Hynix Semiconductor GMS90C320 Datasheet HTML 17Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 46 page
background image
GMS90C320
OCT. 2000 Ver 1.2
9
CPU
The GMS90C320 is efficient both as a controller and as an arithmetic processor. It has extensive facilities for binary and BCD
arithmetic and excels in its bit-handling capabilities. Efficient use of program memory results from an instruction set con-
sisting of 44% one-byte, 41% two-byte, and 15% three-byte instructions. With a 12 MHz crystal, 58% of the instructions are
executed in 1.0
µs.
Special Function Register PSW
Reset value of PSW is 00H.
Bit
Function
CY
Carry Flag
AC
Auxiliary Carry Flag (for BCD operation)
F0
General Purpose Flag
RS1
0
0
1
1
RS0
0
1
0
1
Register Bank select control bits
Bank 0 selected, data address 00H-07H
Bank 1 selected, data address 08H-0FH
Bank 2 selected, data address 10H-17H
Bank 3 selected, data address 18H-1FH
OV
Overflow Flag
F1
General Purpose Flag
P
Parity Flag
Set/cleared by hardware each instruction cycle to indicate an odd/
even number of “one” bits in the accumulator, i.e. even parity.
MSB
LSB
Bit No.
76
543
21
0
Addr. D0H
CY
AC
F0
RS1
RS2
OV
F1
P
PSW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com