Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GMS90C320 Datasheet(PDF) 39 Page - Hynix Semiconductor

Part # GMS90C320
Description  HYNIX SEMICONDUCTOR INC. 8-BIT SINGLE-CHIP MICROCONTROLLERS
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GMS90C320 Datasheet(HTML) 39 Page - Hynix Semiconductor

Back Button GMS90C320 Datasheet HTML 35Page - Hynix Semiconductor GMS90C320 Datasheet HTML 36Page - Hynix Semiconductor GMS90C320 Datasheet HTML 37Page - Hynix Semiconductor GMS90C320 Datasheet HTML 38Page - Hynix Semiconductor GMS90C320 Datasheet HTML 39Page - Hynix Semiconductor GMS90C320 Datasheet HTML 40Page - Hynix Semiconductor GMS90C320 Datasheet HTML 41Page - Hynix Semiconductor GMS90C320 Datasheet HTML 42Page - Hynix Semiconductor GMS90C320 Datasheet HTML 43Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 46 page
background image
GMS90C320
OCT. 2000 Ver 1.2
35
AC Characteristics for 50MHz
External Data Memory Characteristics
Advance Information (50MHz)
External Clock Drive
Parameter
Symbol
at 50 MHz Clock
Variable Clock
1/tCLCL =3.5 to 50MHz
Unit
Min.
Max.
Min.
Max.
RD pulse width
tRLRH
90
-
6tCLCL-30
-
ns
WR pulse width
tWLWH
90
-
6tCLCL-30
-
ns
Address hold after ALE
tLLAX2
25
-
2tCLCL-15
-
ns
RD to valid data in
tRLDV
-60
-
5tCLCL-40
ns
Data hold after RD
tRHDX
0-
0
-
ns
Data float after RD
tRHDZ
-28
-
2tCLCL-12
ns
ALE to valid data in
tLLDV
-
120
-
8tCLCL-40
ns
Address to valid data in
tAVDV
-
125
-
9tCLCL-55
ns
ALE to WR or RD
tLLW L
45
75
3tCLCL-15
3tCLCL+15
ns
Address valid to WR or RD
tAVW L
50
-
4tCLCL-30
-
ns
WR or RD high to ALE high
tWHLH
535
tCLCL-15
tCLCL+15
ns
Data valid to WR transition
tQVW X
5-
tCLCL-15
-
ns
Data setup before WR
tQVW H
100
-
7tCLCL-40
-
ns
Data hold after WR
tWHQX
5-
tCLCL-15
-
ns
Address float after RD
tRLAZ
-0
-
0
ns
Parameter
Symbol
Variable Oscillator
(Freq. = 3.5 to 50MHz)
Unit
Min.
Max.
Oscillator period
tCLCL
20
285.7
ns
High time
tCHCX
10
tCLCL -tCLCX
ns
Low time
tCLCX
10
tCLCL -tCHCX
ns
Rise time
tCLCH
-10
ns
Fall time
tCHCL
-10
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com