Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

24C01A Datasheet(PDF) 4 Page - ATMEL Corporation

Part # 24C01A
Description  Schmitt Trigger, Filtered Inputs for Noise Suppression
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

24C01A Datasheet(HTML) 4 Page - ATMEL Corporation

  24C01A Datasheet HTML 1Page - ATMEL Corporation 24C01A Datasheet HTML 2Page - ATMEL Corporation 24C01A Datasheet HTML 3Page - ATMEL Corporation 24C01A Datasheet HTML 4Page - ATMEL Corporation 24C01A Datasheet HTML 5Page - ATMEL Corporation 24C01A Datasheet HTML 6Page - ATMEL Corporation 24C01A Datasheet HTML 7Page - ATMEL Corporation 24C01A Datasheet HTML 8Page - ATMEL Corporation 24C01A Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
4
AT24C01A/02/04/08A/16A
5092D–SEEPR–4/07
Note:
1. This parameter is characterized and is not 100% tested.
Note:
1. V
IL min and VIH max are reference only and are not tested.
Table 3. Pin Capacitance(1)
Applicable over recommended operating range from T
A =25C, f = 1.0 MHz, VCC = +2.7V
Symbol
Test Condition
Max
Units
Conditions
C
I/O
Input/Output Capacitance (SDA)
8
pF
V
I/O =0V
C
IN
Input Capacitance (A
0,A1,A2, SCL)
6
pF
V
IN =0V
Table 4. DC Characteristics
Applicable over recommended operating range from: T
A = 40C to +125C, VCC = +2.7V to +5.5V (unless otherwise noted)
Symbol
Parameter
Test Condition
Min
Typ
Max
Units
V
CC1
Supply Voltage
2.7
5.5
V
I
CC
Supply Current V
CC = 5.0V
Read at 100 kHz
0.4
1.0
mA
I
CC
Supply Current V
CC = 5.0V
Write at 100 kHz
2.0
3.0
mA
I
SB1
Standby Current V
CC = 2.7V
V
IN =VCC or VSS
1.6
4.0
µA
I
SB2
Standby Current V
CC = 5.0V
V
IN =VCC or VSS
8.0
18.0
µA
I
LI
Input Leakage Current
V
IN =VCC or VSS
0.10
3.0
µA
I
LO
Output Leakage Current
V
OUT =VCC or VSS
0.05
3.0
µA
V
IL
Input Low Level(1)
0.6
V
CC x 0.3
V
V
IH
Input High Level(1)
V
CC x 0.7
V
CC + 0.5
V
V
OL2
Output Low Level V
CC = 3.0V
I
OL = 2.1 mA
0.4
V
V
OL1
Output Low Level V
CC = 1.8V
I
OL = 0.15 mA
0.2
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com