Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

24C01A Datasheet(PDF) 1 Page - ATMEL Corporation

Part # 24C01A
Description  Schmitt Trigger, Filtered Inputs for Noise Suppression
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

24C01A Datasheet(HTML) 1 Page - ATMEL Corporation

  24C01A Datasheet HTML 1Page - ATMEL Corporation 24C01A Datasheet HTML 2Page - ATMEL Corporation 24C01A Datasheet HTML 3Page - ATMEL Corporation 24C01A Datasheet HTML 4Page - ATMEL Corporation 24C01A Datasheet HTML 5Page - ATMEL Corporation 24C01A Datasheet HTML 6Page - ATMEL Corporation 24C01A Datasheet HTML 7Page - ATMEL Corporation 24C01A Datasheet HTML 8Page - ATMEL Corporation 24C01A Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
1
Features
• Standard-voltage Operation
– 2.7 (V
CC = 2.7V to 5.5V)
• Automotive Temperature Range –40Cto125C
• Internally Organized 128 x 8 (1K), 256 x 8 (2K), 512 x 8 (4K),
1024 x 8 (8K) or 2048 x 8 (16K)
• Two-wire Serial Interface
• Schmitt Trigger, Filtered Inputs for Noise Suppression
• Bidirectional Data Transfer Protocol
• 400 kHz Compatibility
• Write Protect Pin for Hardware Data Protection
• 8-byte Page (1K, 2K), 16-byte Page (4K, 8K, 16K) Write Modes
• Partial Page Writes are Allowed
• Self-timed Write Cycle (5 ms max)
• High-reliability
– Endurance: 1 Million Write Cycles
– Data Retention: 100 Years
• 8-lead JEDEC SOIC and 8-lead TSSOP Packages
Description
The AT24C01A/02/04/08A/16A provides 1024/2048/4096/8192/16384 bits of serial
electrically erasable and programmable read-only memory (EEPROM) organized as
128/256/512/1024/2048 words of 8 bits each. The device is optimized for use in many
automotive applications where low-power and low-voltage operation are essential.
The AT24C01A/02/04/08A/16A is available in space-saving 8-lead JEDEC SOIC and
8-lead TSSOP packages and is accessed via a two-wire serial interface. In addition,
the entire family is available in 2.7V (2.7V to 5.5V) versions.
Table 1. Pin Configurations
Pin Name
Function
A0
 A2
Address Inputs
SDA
Serial Data
SCL
Serial Clock Input
WP
Write Protect
NC
No Connect
Two-wire
Automotive
Temperature
Serial EEPROM
1K (128 x 8)
2K (256 x 8)
4K (512 x 8)
8K (1024 x 8)
16K (2048 x 8)
AT24C01A(1)
AT24C02(2)
AT24C04
AT24C08A
AT24C16A(3)
5092D–SEEPR–4/07
1. AT24C01A not recommended
for new design; Replaced by
AT24C01B Automotive.
2. AT24C02 not recommended for
new design; Replaced by
AT24C02B Automotive.
3. AT24C16A not recommended
for new design; replaced by
AT24C16C Automotive.
8-lead SOIC
1
2
3
4
8
7
6
5
A0
A1
A2
GND
VCC
WP
SCL
SDA
8-lead TSSOP
1
2
3
4
8
7
6
5
A0
A1
A2
GND
VCC
WP
SCL
SDA


Similar Part No. - 24C01A

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
24C01A MICROCHIP-24C01A Datasheet
77Kb / 12P
1K/2K/4K 5.0V I 2 C O Serial EEPROMs
1996
24C01A-EP MICROCHIP-24C01A-EP Datasheet
77Kb / 12P
1K/2K/4K 5.0V I 2 C O Serial EEPROMs
1996
24C01A-ESL MICROCHIP-24C01A-ESL Datasheet
77Kb / 12P
1K/2K/4K 5.0V I 2 C O Serial EEPROMs
1996
24C01A-ESM MICROCHIP-24C01A-ESM Datasheet
77Kb / 12P
1K/2K/4K 5.0V I 2 C O Serial EEPROMs
1996
24C01A-ESN MICROCHIP-24C01A-ESN Datasheet
77Kb / 12P
1K/2K/4K 5.0V I 2 C O Serial EEPROMs
1996
More results

Similar Description - 24C01A

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT24C01A ATMEL-AT24C01A_14 Datasheet
302Kb / 19P
Schmitt Trigger, Filtered Inputs for Noise Suppression
AT24C02 ATMEL-AT24C02_14 Datasheet
302Kb / 19P
Schmitt Trigger, Filtered Inputs for Noise Suppression
AT24C02SC ATMEL-AT24C02SC_14 Datasheet
254Kb / 14P
Schmitt Trigger, Filtered Inputs for Noise Suppression
AT24C04 ATMEL-AT24C04_14 Datasheet
302Kb / 19P
Schmitt Trigger, Filtered Inputs for Noise Suppression
AT24C16 ATMEL-AT24C16_14 Datasheet
302Kb / 19P
Schmitt Trigger, Filtered Inputs for Noise Suppression
AT24C16SC ATMEL-AT24C16SC_14 Datasheet
254Kb / 14P
Schmitt Trigger, Filtered Inputs for Noise Suppression
AT24C32SC ATMEL-AT24C32SC_14 Datasheet
216Kb / 13P
Schmitt Trigger, Filtered Inputs for Noise Suppression
AT24C64A ATMEL-AT24C64A_14 Datasheet
695Kb / 18P
Schmitt Trigger, Filtered Inputs for Noise Suppression
AT24C04A ATMEL-AT24C04A_14 Datasheet
598Kb / 16P
Schmitt Trigger, Filtered Inputs for Noise Suppression
AT24C01B ATMEL-AT24C01B_14 Datasheet
526Kb / 25P
Schmitt Trigger, Filtered Inputs for Noise Suppression
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com