Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GP1S74P Datasheet(PDF) 1 Page - Sharp Corporation

Part # GP1S74P
Description  Compact Photointerrupter with Connector
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GP1S74P Datasheet(HTML) 1 Page - Sharp Corporation

  GP1S74P Datasheet HTML 1Page - Sharp Corporation GP1S74P Datasheet HTML 2Page - Sharp Corporation GP1S74P Datasheet HTML 3Page - Sharp Corporation GP1S74P Datasheet HTML 4Page - Sharp Corporation GP1S74P Datasheet HTML 5Page - Sharp Corporation GP1S74P Datasheet HTML 6Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
(Ta=25˚C)
IF
50
mA
I FM
1A
V R
6V
P75
mW
V CEO
35
V
V ECO
6V
IC
20
mA
PC
75
mW
T opr
˚C
T stg
˚C
± 0.15
± 0.2
± 0.3
Outline Dimensions
Features
Applications
Absolute Maximum Ratings
(Unit : mm)
1. Compact type
2. Snap-in mounting type
1. Copiers
2. Laser beam printers
3. Facsimiles
Rating
Unit
Parameter
Symbol
Forward current
Reverse voltage
Power dissipation
Collector-emitter voltage
Emitter-collector voltage
Collector current
Collector power dissipation
Peak forward current
*1
* Unspecified tolerances shall be
as follows.
* ( ) : Connector dimensions for reference
Tolerance
Dimension(d)
Storage temperature
Operating temperature
- 40 to + 85
GP1S73P/GP1S74P
GP1S73P/GP1S74P
Compact Photointerrupter
with Connector
3. 3 kinds of mounting plate thickness
- 25 to + 85
*1 Pulse width 100
µ s, Duty ratio=0.01
*2 The connector should be plugged in/out at normal temperature.
d < 5.0
5.0<= d < 15.0
15.0 <= d
± 0.15
± 0.2
± 0.3
1 Collector
3 Anode
2 GND
Internal Connection Diagram (Both GP1S73P/GP1S74P)
(Applicable plate thickness : 1.0, 1.2 and 1.6 mm)
GP1S73P
GP1S74P
( 6.8 )
JAPAN AMP made
connector 175487-3
(Case surface)
13.6
4.3
4.3
6.8± 1
5.0
2.4
5.4
6.9
9.9
11.4
14.0
16.8
0.7
17.0
1.6
4.7
2-0.9
2-0.5
4.0
2-0.5 ± 0.1
(Slit)
1 Collector
2 GND
3 Anode
( 6.8 )
JAPAN AMP made
connector 175487-3
(Case surface)
13.6
4.3
4.3
6.8 ± 1
5.0
2.4
5.4
6.9
9.9
11.4
14.0
16.8
1.2
0.75
17.0
1.6
4.7
2-0.9
2-0.5
4.0
2-0.5 ± 0.1
(Slit)
1 Collector
2 GND
3 Anode
* Unspecified tolerances shall be
as follows.
* ( ) : Connector dimensions for reference
Tolerance
Dimension(d)
d < 5.0
5.0<= d < 15.0
15.0 <= d
s
s
ss
s


Similar Part No. - GP1S74P

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GP1S74P SHARP-GP1S74P Datasheet
64Kb / 5P
Compact Photointerrupter with Connector
GP1S74PJ000F SHARP-GP1S74PJ000F Datasheet
149Kb / 12P
Gap : 5mm Slit : 0.5mm Phototransistor Output, Snap-in fi xing Transmissive Photointerrupter with Connector
More results

Similar Description - GP1S74P

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GP1A73A SHARP-GP1A73A Datasheet
51Kb / 4P
Compact OPIC Photointerrupter with Connector
GP1A74A SHARP-GP1A74A Datasheet
51Kb / 4P
Compact OPIC Photointerrupter with Connector
GP1S09 SHARP-GP1S09 Datasheet
54Kb / 5P
Photointerrupter with Connector
GP1S53V SHARP-GP1S53V Datasheet
59Kb / 4P
Compact Photointerrupter
GP1S561 SHARP-GP1S561 Datasheet
55Kb / 4P
Compact and Thin Photointerrupter
GP1S562 SHARP-GP1S562 Datasheet
61Kb / 4P
Compact Photointerrupter with Holders
GP1S73P SHARP-GP1S73P Datasheet
64Kb / 5P
Compact Photointerrupter with Connector
GP2L20L SHARP-GP2L20L Datasheet
48Kb / 4P
Compact, Thin Type Photointerrupter
GP2L23L SHARP-GP2L23L Datasheet
45Kb / 4P
Compact, Thin Type Photointerrupter
GP1S53 SHARP-GP1S53 Datasheet
137Kb / 4P
Compact Photointerrupter
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com