Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GP1S74P Datasheet(PDF) 3 Page - Sharp Corporation

Part # GP1S74P
Description  Compact Photointerrupter with Connector
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GP1S74P Datasheet(HTML) 3 Page - Sharp Corporation

  GP1S74P Datasheet HTML 1Page - Sharp Corporation GP1S74P Datasheet HTML 2Page - Sharp Corporation GP1S74P Datasheet HTML 3Page - Sharp Corporation GP1S74P Datasheet HTML 4Page - Sharp Corporation GP1S74P Datasheet HTML 5Page - Sharp Corporation GP1S74P Datasheet HTML 6Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Ambient temperature Ta (˚C)
Fig. 5 Collector Current vs. Forward Current
Forward current I F (mA)
Collector-emitter voltage VCE (V)
Fig. 7 Collector Current vs. Ambient
temperature
Ambient temperature Ta (˚C)
Fig. 8 Collector-emitter Saturation Voltage
vs. Ambient Temperature
Fig. 6 Collector Current vs. Collector-emitter
Voltage
Fig. 9 Response Time vs. Load Resistance
10%
90%
RD
VCC
RL
td
tr
ts
tf
Test Circuit for Response Time
Input
Input
Output
Output
Road resistance R L (k
Ω )
GP1S73P/GP1S74P
0.01 0.02
0.05 0.1 0.2
0.5
1
2
5
10
0.1
0.2
0.5
1
2
5
10
20
50
100
t s
t d
t r
t f
V CE=2V
IC = 2mA
T a = 25˚C
- 25
0
25
50
75
100
0
0.05
0.10
0.15
0.20
0.25
IF= 40mA
IC= 0.5mA
- 25
0
25
50
75
100
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
IF= 20mA
VCE=5V
0
1234567
8
9
10
0
3
4
6
8
10
Ta= 25˚C
10mA
20mA
30mA
IF= 50mA
40mA
0
10
20
304050
0
2
4
6
8
10
VCE=5V
Ta= 25˚C



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com