Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBR1045 Datasheet(PDF) 3 Page - MAKO SEMICONDUCTOR CO.,LIMITED

Part # MBR1045
Description  High current capability, low forward voltage
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAKOSEMI [MAKO SEMICONDUCTOR CO.,LIMITED]
Direct Link  http://www.makosemi.hk/
Logo MAKOSEMI - MAKO SEMICONDUCTOR CO.,LIMITED

MBR1045 Datasheet(HTML) 3 Page - MAKO SEMICONDUCTOR CO.,LIMITED

  MBR1045 Datasheet HTML 1Page - MAKO SEMICONDUCTOR CO.,LIMITED MBR1045 Datasheet HTML 2Page - MAKO SEMICONDUCTOR CO.,LIMITED MBR1045 Datasheet HTML 3Page - MAKO SEMICONDUCTOR CO.,LIMITED MBR1045 Datasheet HTML 4Page - MAKO SEMICONDUCTOR CO.,LIMITED  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Suggested Pad Layout
PCB焊接布局建议参考
SMD表面贴装
TO-277
TO-277B
QFN5×6
POWERDI5
A
0.260(6.60)
0.055(1.40)
G
F
E
D
0.035(0.90)
0.031(0.80)
0.142(3.60)
0.152(3.87)
C
B
0.185(4.70)
TO-277B:Tape & Reel
每卷数量:
5000只(5Kpcs/Reel)
每盒数量:
10000只(10Kpcs/BOX)
0.264 (6.70)
0.248 (6.30)
2
1
3
0.073 (1.85)
0.069 (1.75)
0.028 (0.71)
0.016 (0.41)
0.124 (3.15)
0.112 (2.85)
0.014 (0.35)
0.010 (0.25)
0.077 (1.98)
0.069 (1.76)
0.028 (0.71)
0.016 (0.41)
0.037 (0.95)
0.033 (0.85)
0.037 (0.95)
0.033 (0.85)
0.069 (1.74)
0.057 (1.44)
0.049 (1.25)
0.037 (0.95)
0.145 (3.69)
0.133 (3.39)
0.216 (5.48)
0.208 (5.28)
1045 TO-277B
10A, 45V 贴片肖特基整流二极管 规格书
Low VF Schottky Rectifier SMD
4008-378-873
3
MAKO Semiconductor Co., Limited
3/4
http://
www.makosemi.hk/



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com