Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBR1045 Datasheet(PDF) 1 Page - MAKO SEMICONDUCTOR CO.,LIMITED

Part # MBR1045
Description  High current capability, low forward voltage
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAKOSEMI [MAKO SEMICONDUCTOR CO.,LIMITED]
Direct Link  http://www.makosemi.hk/
Logo MAKOSEMI - MAKO SEMICONDUCTOR CO.,LIMITED

MBR1045 Datasheet(HTML) 1 Page - MAKO SEMICONDUCTOR CO.,LIMITED

  MBR1045 Datasheet HTML 1Page - MAKO SEMICONDUCTOR CO.,LIMITED MBR1045 Datasheet HTML 2Page - MAKO SEMICONDUCTOR CO.,LIMITED MBR1045 Datasheet HTML 3Page - MAKO SEMICONDUCTOR CO.,LIMITED MBR1045 Datasheet HTML 4Page - MAKO SEMICONDUCTOR CO.,LIMITED  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
4008-378-873
1
1045 TO-277B
10A, 45V 贴片肖特基整流二极管 规格书
Low VF Schottky Rectifier SMD
TJ=100℃
IF=8A
IF=2A
Test Condition
Fo rward voltagedrop
--
0.31
RQJA
31
Storage Temperature
TJ=25℃
IR
75
VF
0.30
--
mA
V
0.06
TJ=25℃
MAKO Semiconductor Co., Limited
17
0.36
IF=10A
VR=Max.VRRM
--
0.41
Reverse leakagecurrent
--
1/4
Max
UNIT
Rating
TJ=125℃
0.37
0.38
0.47
--
0.41
--
0.35
RATING
Electrical Characteristics
Symbol
Characterisrtic
Min
Typ
UNIT
Thermal Resistance, Junction-to-Ambiene
Junction Temperature
TJ
150
Averageforward current
IF(AV)
10
Tstg
-55~+150
IFSM
530
278
A
Maximum DC blocking voltage
VRM
45
http://
www.makosemi.hk/
/W
V
mJ
Surge non repetitive forward current (8.3ms single half sine- wave)
CHARACTERISTIC
Repetitive peak reverse voltage
FEATURES
High current capability, low forward voltage
Excellent high temperature stability
Low power loss, and high ef ficiency
High Forward Surge Capability
Patented package technology
APPLICATIONS
Switching mode power supply applications
Portable equipment battery applications
High frequency rectification
DC/DC Converter
Designed as bypass diodes for solar panels
ABSOLUTE MAXIMUM RATINGS (TA=25°C,unless otherwise specified)
UNIT
VRRM
45
 特征应用:超薄封装,体积小,超低压降等特点
Thermal Characteristics
CHARACTERISTIC
SYMBOL
Single pulse davalanche energy (IAS=12A, L=10mH)
EAS
RATING
SYMBOL
RIGHT PIN
BOTTOMSIDE
HEAT SINK
Package: TO-277B
Top View      Bottom View
LEFT PIN


Similar Part No. - MBR1045

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MBR1045 MOTOROLA-MBR1045 Datasheet
148Kb / 6P
SCHOTTKY BARRIER RECTIFIERS 10 AMPERES 20 to 45 VOLTS
logo
Fairchild Semiconductor
MBR1045 FAIRCHILD-MBR1045 Datasheet
46Kb / 3P
10 Ampere Schottky Barrier Rectifiers
logo
Diodes Incorporated
MBR1045 DIODES-MBR1045 Datasheet
56Kb / 2P
10A SCHOTTKY BARRIER RECTIFIER
DS23009 Rev. G-2
logo
General Semiconductor
MBR1045 GE-MBR1045 Datasheet
66Kb / 2P
SCHOTTKY RECTIFIER
logo
Micro Commercial Compon...
MBR1045 MCC-MBR1045 Datasheet
141Kb / 2P
10 Amp Schottky Barrier Rectifier 20 to 100 Volts
More results

Similar Description - MBR1045

ManufacturerPart #DatasheetDescription
logo
MAKO SEMICONDUCTOR CO.,...
MBR1045 MAKOSEMI-MBR1045 Datasheet
499Kb / 4P
High current capability, low forward voltage
MBR1045CT MAKOSEMI-MBR1045CT Datasheet
499Kb / 4P
High current capability, low forward voltage
MCC1045UL MAKOSEMI-MCC1045UL Datasheet
499Kb / 4P
High current capability, low forward voltage
SB1045L MAKOSEMI-SB1045L Datasheet
499Kb / 4P
High current capability, low forward voltage
SB1550L MAKOSEMI-SB1550L Datasheet
535Kb / 4P
High current capability, low forward voltage
SR1045L MAKOSEMI-SR1045L Datasheet
499Kb / 4P
High current capability, low forward voltage
MBR1045CT MAKOSEMI-MBR1045CT Datasheet
499Kb / 4P
High current capability, low forward voltage
MBR1550CT MAKOSEMI-MBR1550CT Datasheet
535Kb / 4P
High current capability, low forward voltage
SBR10U45SP5 MAKOSEMI-SBR10U45SP5 Datasheet
499Kb / 4P
High current capability, low forward voltage
SBR15U50SP5 MAKOSEMI-SBR15U50SP5 Datasheet
535Kb / 4P
High current capability, low forward voltage
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com